Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW56N60DM2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW56N60DM2
Description  N-channel 600 V, 0.052typ., 50 A MDmesh??DM2 Power MOSFET in a TO-247 package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW56N60DM2 Datasheet(HTML) 5 Page - STMicroelectronics

  STW56N60DM2 Datasheet HTML 1Page - STMicroelectronics STW56N60DM2 Datasheet HTML 2Page - STMicroelectronics STW56N60DM2 Datasheet HTML 3Page - STMicroelectronics STW56N60DM2 Datasheet HTML 4Page - STMicroelectronics STW56N60DM2 Datasheet HTML 5Page - STMicroelectronics STW56N60DM2 Datasheet HTML 6Page - STMicroelectronics STW56N60DM2 Datasheet HTML 7Page - STMicroelectronics STW56N60DM2 Datasheet HTML 8Page - STMicroelectronics STW56N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STW56N60DM2
Electrical characteristics
DocID026982 Rev 3
5/12
Table 8: Source-drain diode
Symbo
l
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
50
A
ISDM
Source-drain current
(pulsed)
-
200
A
VSD
(1)
Forward on voltage
VGS = 0 V, ISD = 50 A
-
1.6
V
trr
Reverse recovery time
ISD = 50 A,
di/dt = 100 A/µs,
VDD = 60 V (see Figure 16:
"Test circuit for inductive
load switching and diode
recovery times")
-
140
ns
Qrr
Reverse recovery charge
-
0.7
µC
IRRM
Reverse recovery current
-
10.6
A
trr
Reverse recovery time
ISD = 50 A,
di/dt = 100 A/µs,
VDD = 60 V, Tj = 150 °C
(see Figure 16: "Test circuit
for inductive load switching
and diode recovery times")
-
245
ns
Qrr
Reverse recovery charge
-
2.6
µC
IRRM
Reverse recovery current
-
21
A
Notes:
(1)
Pulse test: pulse duration = 300 µs, duty cycle 1.5%.


Similar Part No. - STW56N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW56N60M2 STMICROELECTRONICS-STW56N60M2 Datasheet
681Kb / 12P
   Extremely low gate charge
December 2014 Rev2
STW56N60M2-4 STMICROELECTRONICS-STW56N60M2-4 Datasheet
913Kb / 12P
   Extremely low gate charge
January 2015 Rev 3
More results

Similar Description - STW56N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW58N60DM2AG STMICROELECTRONICS-STW58N60DM2AG Datasheet
728Kb / 12P
   Automotive-grade N-channel 600 V, 0.052 廓 typ., 50 A MDmesh??DM2 Power MOSFET in a TO-247 package
July 2015 Rev 2
STW43N60DM2 STMICROELECTRONICS-STW43N60DM2 Datasheet
405Kb / 12P
   N-channel 600 V, 0.085 廓 typ., 34 A MDmesh??DM2 Power MOSFET in a TO-247 package
July 2015 Rev 2
STW48N60DM2 STMICROELECTRONICS-STW48N60DM2 Datasheet
723Kb / 12P
   N-channel 600 V, 0.065 廓 typ., 40 A MDmesh??DM2 Power MOSFET in a TO-247 package
October 2015 Rev 2
STW56N65DM2 STMICROELECTRONICS-STW56N65DM2 Datasheet
719Kb / 12P
   N-channel 650 V, 0.058 廓 typ., 48 A MDmesh??DM2 Power MOSFET in a TO-247 package
September 2015 Rev 2
STW37N60DM2AG STMICROELECTRONICS-STW37N60DM2AG Datasheet
705Kb / 12P
   Automotive-grade N-channel 600 V, 0.094 廓 typ., 28 A MDmesh??DM2 Power MOSFET in a TO-247 package
August 2015 Rev 1
STW45N60DM2AG STMICROELECTRONICS-STW45N60DM2AG Datasheet
399Kb / 12P
   Automotive-grade N-channel 600 V, 0.085 廓 typ., 34 A MDmesh??DM2 Power MOSFET in a TO-247 package
July 2015 Rev 1
STWA48N60DM2 STMICROELECTRONICS-STWA48N60DM2 Datasheet
728Kb / 12P
   N-channel 600 V, 0.065 廓 typ., 40 A MDmesh??DM2 Power MOSFET in a TO-247 long leads package
December 2016
STF43N60DM2 STMICROELECTRONICS-STF43N60DM2 Datasheet
418Kb / 13P
   N-channel 600 V, 0.085 廓 typ., 34 A MDmesh??DM2 Power MOSFET in a TO-220FP package
July 2015 Rev 2
STB43N60DM2 STMICROELECTRONICS-STB43N60DM2 Datasheet
544Kb / 15P
   N-channel 600 V, 0.085 廓 typ., 34 A MDmesh??DM2 Power MOSFET in a D짼PAK package
July 2015 Rev 1
STD10N60DM2 STMICROELECTRONICS-STD10N60DM2 Datasheet
813Kb / 14P
   N-channel 600 V, 0.440 廓 typ., 8 A MDmesh??DM2 Power MOSFET in a DPAK package
June 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com