Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0204DRGYR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0204DRGYR
Description  4-Bits Bidirectional Multi-Voltage Level Translator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0204DRGYR Datasheet(HTML) 11 Page - Texas Instruments

Back Button LSF0204DRGYR Datasheet HTML 7Page - Texas Instruments LSF0204DRGYR Datasheet HTML 8Page - Texas Instruments LSF0204DRGYR Datasheet HTML 9Page - Texas Instruments LSF0204DRGYR Datasheet HTML 10Page - Texas Instruments LSF0204DRGYR Datasheet HTML 11Page - Texas Instruments LSF0204DRGYR Datasheet HTML 12Page - Texas Instruments LSF0204DRGYR Datasheet HTML 13Page - Texas Instruments LSF0204DRGYR Datasheet HTML 14Page - Texas Instruments LSF0204DRGYR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LSF0204, LSF0204D
www.ti.com
SLVSCP5D – JULY 2014 – REVISED DECEMBER 2015
10.3 Feature Description
10.3.1 Support High Speed Translation, Greater than 100 MHz
Allows the LSF family to support more consumer or telecom interfaces (MDIO or SDIO).
10.3.2 Bidirectional Voltage Translation Without DIR Terminal
Minimizes system effort to develop voltage translation for bidirectional interface (PMBus, I2C, or SMbus).
10.3.3 5-V Tolerance on IO Port and 125°C Support
The LSF family, with 5-V tolerance and 125°C support, is flexible and compliant with TTL levels in industrial and
telecom applications.
10.3.4 Channel Specific Translation
The LSF family is able to set up different voltage translation levels on each channel.
10.3.5 Ioff, Partial Power Down Mode
When Vref_A, Vref_B = 0, all of data pins and EN pin are Hi-Z.
EN logic circuit is supplied by Vref_A, once Vref_A power up first and all of data pins are unknown state until Vref_B
and EN ready. No power sequence is required to enable LSF0204 and operate function normally.
10.4 Device Functional Modes
Table 1 lists the device functional modes of the LSF0204x family of devices.
Table 1. Function Table
INPUT EN(1) TERMINAL
FUNCTION
H
An = Bn
L
Hi-Z
(1)
EN is controlled by Vref_A logic levels.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LSF0204 LSF0204D


Similar Part No. - LSF0204DRGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LSF0204 TI1-LSF0204 Datasheet
477Kb / 21P
[Old version datasheet]   Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
logo
Nexperia B.V. All right...
LSF0204 NEXPERIA-LSF0204 Datasheet
244Kb / 14P
   4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 28 October 2020
logo
Texas Instruments
LSF0204-Q1 TI1-LSF0204-Q1 Datasheet
477Kb / 21P
[Old version datasheet]   Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
logo
Nexperia B.V. All right...
LSF0204-Q100 NEXPERIA-LSF0204-Q100 Datasheet
240Kb / 14P
   4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 2 May 2022
LSF0204GU12 NEXPERIA-LSF0204GU12 Datasheet
244Kb / 14P
   4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 28 October 2020
More results

Similar Description - LSF0204DRGYR

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM5520 SILICONMITUS-SM5520 Datasheet
404Kb / 2P
   2 Bits Bidirectional Voltage Level Translator
April 2021 Rev. 0.0.5
logo
Texas Instruments
LSF0101 TI1-LSF0101 Datasheet
1Mb / 39P
[Old version datasheet]   Channel Bidirectional Multi-Voltage Level Translator
LSF0204-Q1 TI1-LSF0204-Q1 Datasheet
477Kb / 21P
[Old version datasheet]   Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
TXB0304 TI1-TXB0304_15 Datasheet
982Kb / 25P
[Old version datasheet]   4-Bit Bidirectional Level-Shifter/Voltage Translator
logo
Nexperia B.V. All right...
LSF0204 NEXPERIA-LSF0204 Datasheet
244Kb / 14P
   4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 28 October 2020
LSF0204-Q100 NEXPERIA-LSF0204-Q100 Datasheet
240Kb / 14P
   4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 2 May 2022
logo
Texas Instruments
LSF0102-Q1 TI1-LSF0102-Q1 Datasheet
405Kb / 18P
[Old version datasheet]   Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
[Old version datasheet]    1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com