Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC540DBLE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AHC540DBLE
Description  Octal Buffers/Drivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC540DBLE Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHC540DBLE Datasheet HTML 1Page - Texas Instruments SN74AHC540DBLE Datasheet HTML 2Page - Texas Instruments SN74AHC540DBLE Datasheet HTML 3Page - Texas Instruments SN74AHC540DBLE Datasheet HTML 4Page - Texas Instruments SN74AHC540DBLE Datasheet HTML 5Page - Texas Instruments SN74AHC540DBLE Datasheet HTML 6Page - Texas Instruments SN74AHC540DBLE Datasheet HTML 7Page - Texas Instruments SN74AHC540DBLE Datasheet HTML 8Page - Texas Instruments SN74AHC540DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
OE1
OE2
To Seven Other Channels
A1
Y1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54AHC540, SN74AHC540
SCLS260L – DECEMBER 1995 – REVISED OCTOBER 2015
SNx4AHC540 Octal Buffers/Drivers With 3-State Outputs
1 Features
3 Description
The SNx4AHC540 octal buffers/drivers are ideal for
1
Operating Range 2-V to 5.5-V VCC
driving bus lines or buffer memory address registers.
Latch-Up Performance Exceeds 250 mA
These devices feature inputs and outputs on opposite
Per JESD 17
sides of the package to facilitate printed circuit board
On Products Compliant to MIL-PRF-38535,
layout.
All Parameters Are Tested Unless Otherwise
Device Information(1)
Noted. On All Other Products, Production
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Processing Does Not Necessarily Include Testing
PDIP (20)
25.40 mm × 6.35 mm
of All Parameters.
SSOP (20)
7.50 mm × 5.30 mm
SNx4AHC540
TSSOP (20)
6.50 mm × 4.40 mm
2 Applications
TVSOP (20)
5.00 mm × 4.40 mm
Servers
SOIC (20)
12.80 mm × 7.50 mm
PCs and Notebooks
(1) For all available packages, see the orderable addendum at
Network Switches
the end of the data sheet.
Wearable Health and Fitness Devices
Telecom Infrastructures
Electronic Points of Sale
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74AHC540DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC540DBLE TI-SN74AHC540DBLE Datasheet
830Kb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AHC540DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVCH244A TI-SN54LVCH244A_07 Datasheet
665Kb / 23P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS OCTAL BUFFERS/DRIVERS
SN54ALS241C TI1-SN54ALS241C_16 Datasheet
1Mb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS
SN54F244 TI1-SN54F244_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS
SN74AHC541 TI1-SN74AHC541_15 Datasheet
1Mb / 29P
[Old version datasheet]   Octal Buffers/Drivers
logo
Maxwell Technologies
54BCT244 MAXWELL-54BCT244 Datasheet
186Kb / 9P
   Octal Buffers/Drivers
logo
Texas Instruments
SN74LV244A TI1-SN74LV244A_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal Buffers and Drivers
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
   OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com