Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC125 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54HC125
Description  Quadruple Bus Buffer Gates
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54HC125 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC125_15 Datasheet HTML 1Page - Texas Instruments SN54HC125_15 Datasheet HTML 2Page - Texas Instruments SN54HC125_15 Datasheet HTML 3Page - Texas Instruments SN54HC125_15 Datasheet HTML 4Page - Texas Instruments SN54HC125_15 Datasheet HTML 5Page - Texas Instruments SN54HC125_15 Datasheet HTML 6Page - Texas Instruments SN54HC125_15 Datasheet HTML 7Page - Texas Instruments SN54HC125_15 Datasheet HTML 8Page - Texas Instruments SN54HC125_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
1OE
2
1A
1Y
3
4
2OE
5
2A
2Y
6
10
3OE
9
3A
3Y
8
13
4OE
12
4A
4Y
11
Pin numbers shown are for the D, DB, J, N, NS, PW, and W packages.
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54HC125
SN74HC125
SCLS104E – AUGUST 1984 – REVISED DECEMBER 2015
SNx4HC125 Quadruple Bus Buffer Gates With 3-State Outputs
1 Features
3 Description
The SNx4HC125 device is a quadruple set of bus
1
Wide Operating Voltage Range of 2 V to 6 V
buffer gates and features independent line drivers
High-Current 3-State Outputs Interface Directly
with 3-state outputs. The SNx4HC125 is designed for
With System Bus or Can Drive Up to 15 LSTTL
2-V to 6-V VCC operation. Each output is disabled
Loads
when the associated output-enable (OE) input is high.
Low Power Consumption, 80-µA Maximum ICC
To ensure the high-impedance state during power up
Typical tpd = 11 ns
or power down, OE should be tied to VCC through a
pullup resistor; the minimum value of the resistor is
±6-mA Output Drive at 5 V
determined by the current-sinking capability of the
Low Input Current of 1 µA Maximum
driver.
2 Applications
Device Information(1)
TV Set-Top Boxes and DVRs
PART NUMBER
PACKAGE
BODY SIZE (NOM)
E-meters
SN74HC125N
PDIP (14)
18.30 mm × 6.35 mm
SN74HC125D
SOIC (14)
8.65 mm × 6.00 mm
Smart Grids: Transmission Line Monitoring
SN74HC125W
SO (14)
10.20 mm × 5.30 mm
Printers and Computer Peripherals
SN74HC125DB
SSOP (14)
6.20 mm × 5.30 mm
Building Security: Control Panels
SN74HC125PW
TSSOP (14)
5.00 mm × 4.40 mm
IP Phones
SN54HC125J
CDIP (14)
19.90 mm × 6.90 mm
Test and Measurement: Range Readers
SN54HC125FK
LCCC (20)
8.90 mm × 8.44 mm
Smart Grids: Distribution Feeder Protection Relay
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram (Positive Logic)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
On products compliant to MIL-PRF-38535, all parameters are
tested unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54HC125_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC125FK TI-SN54HC125FK Datasheet
93Kb / 6P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54HC125J TI-SN54HC125J Datasheet
93Kb / 6P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54HC125J TI-SN54HC125J Datasheet
645Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54HC125W TI-SN54HC125W Datasheet
93Kb / 6P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54HC125 TI-SN54HC125_09 Datasheet
645Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results

Similar Description - SN54HC125_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT126 TI-SN54AHCT126_03 Datasheet
376Kb / 15P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
logo
Hitachi Semiconductor
HA74LS126A HITACHI-HA74LS126A Datasheet
49Kb / 6P
   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHCT125 UTC-U74AHCT125_15 Datasheet
238Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74AHC126 UTC-U74AHC126_15 Datasheet
254Kb / 5P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54LV125A TI-SN54LV125A_07 Datasheet
806Kb / 19P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES
SN74LV125A TI1-SN74LV125A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74LVC126A UTC-U74LVC126A_15 Datasheet
242Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74AHC125 UTC-U74AHC125_15 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74HCT125 UTC-U74HCT125_15 Datasheet
185Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com