Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC125J Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC125J
Description  Quadruple Bus Buffer Gates
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54HC125J Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN54HC125J Datasheet HTML 6Page - Texas Instruments SN54HC125J Datasheet HTML 7Page - Texas Instruments SN54HC125J Datasheet HTML 8Page - Texas Instruments SN54HC125J Datasheet HTML 9Page - Texas Instruments SN54HC125J Datasheet HTML 10Page - Texas Instruments SN54HC125J Datasheet HTML 11Page - Texas Instruments SN54HC125J Datasheet HTML 12Page - Texas Instruments SN54HC125J Datasheet HTML 13Page - Texas Instruments SN54HC125J Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1
1OE
2
1A
1Y
3
4
2OE
5
2A
2Y
6
10
3OE
9
3A
3Y
8
13
4OE
12
4A
4Y
11
Pin numbers shown are for the D, DB, J, N, NS, PW, and W packages.
SN54HC125
SN74HC125
SCLS104E – AUGUST 1984 – REVISED DECEMBER 2015
www.ti.com
8 Detailed Description
8.1 Overview
The SNx4HC125 offers 4 independent gate buffers capable of sinking or sourcing 6 mA at 5-V VCC. Each
buffer also integrates a 3-state output, or high impedance output. To enable the device's 3-state output, set
the corresponding OE input to a HIGH logic level.
Major benefits of using HC logic include both the technology's flexibility of input VCC (2 V to 6 V) and high-
speed capability (11 ns typical tpd).
8.2 Functional Block Diagram
8.3 Feature Description
The 3-state outputs enable design choices such as connecting multiple outputs together, as long as the 3-state
controls are used correctly. In a typical example, without 3-state outputs, if two outputs were connected to the
same input on an adjacent system, and each output was trying to drive a different logic level (one HIGH, one
LOW), the device could short-circuit and become damaged. With 3-state output functionality, the outputs can be
configured so that when one output is driving an output signal, the others are set to high impedance and prevent
any damage to the device.
8.4 Device Functional Modes
Table 1 lists the functional modes of the SNx4HC125.
Table 1. Function Table
INPUTS
OUTPUT
Y
OE
A
L
H
H
L
L
L
H
X
Z
10
Submit Documentation Feedback
Copyright © 1984–2015, Texas Instruments Incorporated
Product Folder Links: SN54HC125 SN74HC125


Similar Part No. - SN54HC125J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC125J TI-SN54HC125J Datasheet
93Kb / 6P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54HC125J TI-SN54HC125J Datasheet
645Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results

Similar Description - SN54HC125J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT126 TI-SN54AHCT126_03 Datasheet
376Kb / 15P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
logo
Hitachi Semiconductor
HA74LS126A HITACHI-HA74LS126A Datasheet
49Kb / 6P
   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHCT125 UTC-U74AHCT125_15 Datasheet
238Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74AHC126 UTC-U74AHC126_15 Datasheet
254Kb / 5P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54LV125A TI-SN54LV125A_07 Datasheet
806Kb / 19P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES
SN74LV125A TI1-SN74LV125A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74LVC126A UTC-U74LVC126A_15 Datasheet
242Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74AHC125 UTC-U74AHC125_15 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74HCT125 UTC-U74HCT125_15 Datasheet
185Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com