Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC05DT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC05DT
Description  Hex Inverters With Open-Drain Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC05DT Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC05DT Datasheet HTML 1Page - Texas Instruments SN74HC05DT Datasheet HTML 2Page - Texas Instruments SN74HC05DT Datasheet HTML 3Page - Texas Instruments SN74HC05DT Datasheet HTML 4Page - Texas Instruments SN74HC05DT Datasheet HTML 5Page - Texas Instruments SN74HC05DT Datasheet HTML 6Page - Texas Instruments SN74HC05DT Datasheet HTML 7Page - Texas Instruments SN74HC05DT Datasheet HTML 8Page - Texas Instruments SN74HC05DT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
A
Y
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54HC05, SN74HC05
SCLS080E – FEBRUARY 2015 – REVISED MARCH 2015
SNx4HC05 Hex Inverters With Open-Drain Outputs
1 Features
3 Description
The SNx4HC05 devices contain six independent
1
Wide Operating Voltage Range of 2 V to 6 V
inverters. They perform the Boolean function Y = A in
Outputs can Drive up to 10 LSTTL Loads
positive logic. The open-drain outputs require pullup
Low-Power Consumption, 20-
μA Maximum ICC
resistors
to
perform
correctly.
They
may
be
connected to other open-drain outputs to implement
Typical tpd = 8 ns
active-low
wired-OR
or
active-high
wired-AND
±4-mA Output Drive at 5 V
functions.
Low Input Current of 1-
μA Maximum
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Mice
PDIP (14)
19.30 mm × 6.40 mm
SOIC (14)
8.65 mm × 3.91 mm
Printers
SN74HC05
SOP (14)
10.30 mm × 5.30 mm
AC Inverter Drives
TSSOP (14)
5.00 mm × 4.40 mm
UPS
(1) For all available packages, see the orderable addendum at
AC Servo Drives
the end of the data sheet.
Other Motor Drives
space
space
space
Logic Diagram (Positive Logic)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HC05DT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC05DT TI-SN74HC05DT Datasheet
624Kb / 16P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
SN74HC05DTE4 TI-SN74HC05DTE4 Datasheet
624Kb / 16P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
SN74HC05DTG4 TI-SN74HC05DTG4 Datasheet
624Kb / 16P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN74HC05DT

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
   Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
   Hex Inverters (with Open Drain Outputs)
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com