Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC165DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC165DR
Description  8-Bit Parallel-Load Shift Registers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC165DR Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC165DR Datasheet HTML 1Page - Texas Instruments SN74HC165DR Datasheet HTML 2Page - Texas Instruments SN74HC165DR Datasheet HTML 3Page - Texas Instruments SN74HC165DR Datasheet HTML 4Page - Texas Instruments SN74HC165DR Datasheet HTML 5Page - Texas Instruments SN74HC165DR Datasheet HTML 6Page - Texas Instruments SN74HC165DR Datasheet HTML 7Page - Texas Instruments SN74HC165DR Datasheet HTML 8Page - Texas Instruments SN74HC165DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
S
1D
R
C1
S
1D
R
C1
S
1D
R
C1
S
1D
R
C1
S
1D
R
C1
S
1D
R
C1
S
1D
R
C1
S
1D
R
C1
1
15
2
10
SH/LD
CLK INH
CLK
SER
9
7
Q
Q
H
H
11
12
13
14
3
4
5
6
A
B
C
D
E
F
G
H
Pin numbers shown are for theD, DB, J, N, NS, PW, and W packages.
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54HC165, SN74HC165
SCLS116H – DECEMBER 1982 – REVISED DECEMBER 2015
SNx4HC165 8-Bit Parallel-Load Shift Registers
1 Features
3 Description
The SNx4HC165 devices are 8-bit parallel-load shift
1
Wide Operating Voltage Range of 2 V to 6 V
registers that, when clocked, shift the data toward a
Outputs Can Drive Up to 10 LSTTL Loads
serial (QH) output. Parallel-in access to each stage is
Low Power Consumption, 80-µA Maximum ICC
provided by eight individual direct data (A
−H) inputs
that are enabled by a low level at the shift/load
Typical tpd = 13 ns
(SH/LD) input. The SNx4HC165 devices also feature
±4-mA Output Drive at 5 V
a
clock-inhibit
(CLK
INH)
function
and
a
Low Input Current of 1 µA Maximum
complementary serial (QH) output.
Complementary Outputs
Clocking is accomplished by a low-to-high transition
Direct Overriding Load (Data) Inputs
of the clock (CLK) input while SH/LD is held high and
CLK INH is held low. The functions of CLK and CLK
Gated Clock Inputs
INH are interchangeable. Because a low CLK and a
Parallel-to-Serial Data Conversion
low-to-high transition of CLK INH also accomplish
On Products Compliant to MIL-PRF-38535,
clocking, CLK INH must be changed to the high level
All Parameters Are Tested Unless Otherwise
only while CLK is high. Parallel loading is inhibited
Noted. On All Other Products, Production
when SH/LD is held high. While SH/LD is low, the
Processing Does Not Necessarily Include Testing
parallel
inputs
to
the
register
are
enabled
independently of the levels of the CLK, CLK INH, or
of All Parameters.
serial (SER) inputs.
2 Applications
Device Information(1)
Programable Logic Controllers
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Appliances
SN74HC165D
SOIC (16)
10.00 mm × 6.20 mm
Video Display Systems
SN74HC165DB
SSOP (16)
8.20 mm × 6.50 mm
Output Expander
SN74HC165N
PDIP (16)
6.60 mm × 18.92 mm
Keyboards
SN74HC165NS
SO (16)
8.20 mm × 9.90 mm
SN74HC165PW
TSSOP (16)
6.60 mm × 5.10 mm
SN54HC165FK
LCCC (20)
9.09 mm × 9.09 mm
SN54HC165J
CDIP (16)
21.34 mm × 7.52 mm
SN54HC165W
CFP (16)
9.40 mm × 7.75 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram Positive Logic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HC165DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC165DR TI-SN74HC165DR Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74HC165DR TI-SN74HC165DR Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74HC165DRE4 TI-SN74HC165DRE4 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74HC165DRE4 TI-SN74HC165DRE4 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74HC165DRG3 TI-SN74HC165DRG3 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
More results

Similar Description - SN74HC165DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com