Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC594DRE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74HC594DRE4
Description  8-Bit Shift Registers With Output Registers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC594DRE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74HC594DRE4 Datasheet HTML 3Page - Texas Instruments SN74HC594DRE4 Datasheet HTML 4Page - Texas Instruments SN74HC594DRE4 Datasheet HTML 5Page - Texas Instruments SN74HC594DRE4 Datasheet HTML 6Page - Texas Instruments SN74HC594DRE4 Datasheet HTML 7Page - Texas Instruments SN74HC594DRE4 Datasheet HTML 8Page - Texas Instruments SN74HC594DRE4 Datasheet HTML 9Page - Texas Instruments SN74HC594DRE4 Datasheet HTML 10Page - Texas Instruments SN74HC594DRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
SN54HC594, SN74HC594
www.ti.com
SCLS040G – DECEMBER 1982 – REVISED MARCH 2015
6.8 Timing Requirements
over recommended operating free-air temperature range (unless otherwise noted)
SN54HC594(1)
SN74HC594
SN74HC594
TA = 25°C
–55°C to 125°C
–40°C to 85°C
–40°C to 125°C
VCC
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
2 V
5
3.3
4
4
fclock
Clock frequency
4.5 V
25
17
20
20
MHz
6 V
29
20
24
24
2 V
100
150
125
130
SRCLK or RCLK high or low
4.5 V
20
30
25
27
6 V
17
25
21
23
Pulse
tw
ns
duration
2 V
100
150
125
130
SRCLR or RCLR low
4.5 V
20
30
25
27
6 V
17
25
21
23
2 V
90
135
110
115
SER before SRCLK
4.5 V
18
27
22
24
6 V
15
23
19
21
ns
2 V
90
135
110
115
SRCLK
↑ before RCLK↑(2)
4.5 V
18
27
22
24
6 V
15
23
19
21
2 V
50
75
63
68
Setup time
tsu
SRCLR low before RCLK
4.5 V
10
15
13
15
before CLK
6 V
9
13
11
13
2 V
20
20
20
20
SRCLR high (inactive) before
4.5 V
10
10
10
10
ns
SRCLK
6 V
10
10
10
10
2 V
5
5
5
5
RCLR high (inactive) before
4.5 V
5
5
5
5
SRCLK
6 V
5
5
5
5
2 V
5
5
5
5
th
Hold time, SER after SRCLK
4.5 V
5
5
5
5
ns
6 V
5
5
5
5
(1)
Product Preview
(2)
This setup time ensures that the output register receives stable data from the shift-register outputs. The clocks may be tied together, in
which case the output register is one clock pulse behind the shift register.
6.9 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
395
pF
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
SN74HC594


Similar Part No. - SN74HC594DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC594DRE4 TI1-SN74HC594DRE4 Datasheet
946Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results

Similar Description - SN74HC594DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com