Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC125NSRE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC125NSRE4
Description  Quadruple Bus Buffer Gates
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC125NSRE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HC125NSRE4 Datasheet HTML 1Page - Texas Instruments SN74HC125NSRE4 Datasheet HTML 2Page - Texas Instruments SN74HC125NSRE4 Datasheet HTML 3Page - Texas Instruments SN74HC125NSRE4 Datasheet HTML 4Page - Texas Instruments SN74HC125NSRE4 Datasheet HTML 5Page - Texas Instruments SN74HC125NSRE4 Datasheet HTML 6Page - Texas Instruments SN74HC125NSRE4 Datasheet HTML 7Page - Texas Instruments SN74HC125NSRE4 Datasheet HTML 8Page - Texas Instruments SN74HC125NSRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3OE
1Y
NC
2OE
NC
2A
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OE
1A
1Y
2OE
2A
2Y
GND
VCC
4OE
4A
4Y
3OE
3A
3Y
SN54HC125
SN74HC125
www.ti.com
SCLS104E – AUGUST 1984 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
D, DB, N, NS, J, or PW Package
FK Package
14-Pin SOIC, SSOP, PDIP, SO, CDIP, or TSSOP
20-Pin LCCC
Top View
Top View
Pin Functions(1)
PIN
SOIC,
SSOP,
I/O
DESCRIPTION
NAME
PDIP, SO,
LCCC
CDIP, or
TSSOP
1A
2
3
I
Input
1OE
1
2
I
Output Enable (Active Low)
1Y
3
4
O
Output
2A
5
8
I
Input
2OE
4
6
I
Output Enable (Active Low)
2Y
6
9
O
Output
3A
9
13
I
Input
3OE
10
14
I
Output Enable (Active Low)
3Y
8
12
O
Output
4A
12
18
I
Input
4OE
13
19
I
Output Enable (Active Low)
4Y
11
16
O
Output
GND
7
10
Ground
1, 5, 7, 11,
NC(2)
Not connected
15, 17
VCC
14
20
Power
(1)
See Mechanical, Packaging, and Orderable Information for dimensions
(2)
NC – No internal connection
Copyright © 1984–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN54HC125 SN74HC125


Similar Part No. - SN74HC125NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC125NSRE4 TI-SN74HC125NSRE4 Datasheet
645Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74HC125NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT126 TI-SN54AHCT126_03 Datasheet
376Kb / 15P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
logo
Hitachi Semiconductor
HA74LS126A HITACHI-HA74LS126A Datasheet
49Kb / 6P
   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHCT125 UTC-U74AHCT125_15 Datasheet
238Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74AHC126 UTC-U74AHC126_15 Datasheet
254Kb / 5P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54LV125A TI-SN54LV125A_07 Datasheet
806Kb / 19P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES
SN74LV125A TI1-SN74LV125A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74LVC126A UTC-U74LVC126A_15 Datasheet
242Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74AHC125 UTC-U74AHC125_15 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74HCT125 UTC-U74HCT125_15 Datasheet
185Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com