Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV123ADR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV123ADR
Description  Dual Retriggerable Monostable Multivibrators With Schmitt-Trigger Inputs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV123ADR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LV123ADR Datasheet HTML 1Page - Texas Instruments SN74LV123ADR Datasheet HTML 2Page - Texas Instruments SN74LV123ADR Datasheet HTML 3Page - Texas Instruments SN74LV123ADR Datasheet HTML 4Page - Texas Instruments SN74LV123ADR Datasheet HTML 5Page - Texas Instruments SN74LV123ADR Datasheet HTML 6Page - Texas Instruments SN74LV123ADR Datasheet HTML 7Page - Texas Instruments SN74LV123ADR Datasheet HTML 8Page - Texas Instruments SN74LV123ADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
SN54LV123A
SN74LV123A
SCLS393Q – APRIL 1998 – REVISED AUGUST 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Detailed Description ............................................ 11
9.1
Overview ................................................................. 11
2
Applications ........................................................... 1
9.2
Functional Block Diagrams ..................................... 12
3
Description ............................................................. 1
9.3
Feature Description................................................. 12
4
Revision History..................................................... 2
9.4
Device Functional Modes........................................ 13
5
Description (continued)......................................... 3
10
Application and Implementation........................ 14
6
Pin Configuration and Functions ......................... 3
10.1
Application Information.......................................... 14
7
Specifications......................................................... 4
10.2
Typical Application ............................................... 14
7.1
Absolute Maximum Ratings ...................................... 4
11
Power Supply Recommendations ..................... 18
7.2
ESD Ratings.............................................................. 4
12
Layout................................................................... 18
7.3
Recommended Operating Conditions ....................... 5
12.1
Layout Guidelines ................................................. 18
7.4
Thermal Information .................................................. 5
12.2
Layout Example .................................................... 18
7.5
Electrical Characteristics........................................... 6
13
Device and Documentation Support ................. 19
7.6
Timing Requirements, VCC = 2.5 V ± 0.2 V............... 6
13.1
Documentation Support ........................................ 19
7.7
Timing Requirements, VCC = 3.3 V ± 0.3 V............... 7
13.2
Related Links ........................................................ 19
7.8
Timing Requirements, VCC = 5 V ± 0.5 V.................. 7
13.3
Community Resources.......................................... 19
7.9
Switching Characteristics, VCC = 2.5 V ± 0.2 V ........ 7
13.4
Trademarks ........................................................... 19
7.10
Switching Characteristics, VCC = 3.3 V ± 0.3 V ...... 8
13.5
Electrostatic Discharge Caution ............................ 19
7.11
Switching Characteristics, VCC = 5 V ± 0.5 V ......... 8
13.6
Glossary ................................................................ 19
7.12
Operating Characteristics........................................ 9
14
Mechanical, Packaging, and Orderable
7.13
Typical Characteristics ............................................ 9
Information ........................................................... 19
8
Parameter Measurement Information ................ 10
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision P (November 2013) to Revision Q
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision O (April 1998) to Revision P
Page
Updated document to new TI datasheet format - no specification changes .......................................................................... 1
Removed Ordering Information table .................................................................................................................................... 3
Updated operating temperature range. .................................................................................................................................. 5
2
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: SN54LV123A SN74LV123A


Similar Part No. - SN74LV123ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV123ADR TI-SN74LV123ADR Datasheet
530Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV123ADR TI-SN74LV123ADR Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV123ADRE4 TI-SN74LV123ADRE4 Datasheet
530Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV123ADRE4 TI-SN74LV123ADRE4 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV123ADRG4 TI-SN74LV123ADRG4 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN74LV123ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV123A TI-SN54LV123A_10 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI-SN54LV123A Datasheet
530Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A_08 Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74221J TI-SN74221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221 Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A_07 Datasheet
577Kb / 22P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN54221 TI-SN54221_07 Datasheet
761Kb / 25P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com