Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9753301VDA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9753301VDA
Description  Quadruple 2-Input Positive-NAND Gates
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9753301VDA Datasheet(HTML) 9 Page - Texas Instruments

Back Button 5962-9753301VDA Datasheet HTML 5Page - Texas Instruments 5962-9753301VDA Datasheet HTML 6Page - Texas Instruments 5962-9753301VDA Datasheet HTML 7Page - Texas Instruments 5962-9753301VDA Datasheet HTML 8Page - Texas Instruments 5962-9753301VDA Datasheet HTML 9Page - Texas Instruments 5962-9753301VDA Datasheet HTML 10Page - Texas Instruments 5962-9753301VDA Datasheet HTML 11Page - Texas Instruments 5962-9753301VDA Datasheet HTML 12Page - Texas Instruments 5962-9753301VDA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
A
B
Y
9
SN54LVC00A, SN74LVC00A
www.ti.com
SCAS279R – JANUARY 1993 – REVISED FEBRUARY 2016
Product Folder Links: SN54LVC00A SN74LVC00A
Submit Documentation Feedback
Copyright © 1993–2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The maximum sink and source current is 24mA.
Inputs can be driven from 1.8-V, 2.5-V, 3.3-V (LVTTL), or 5-V (CMOS) devices. This feature allows the use of
this device as translators in a mixed-system environment.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
9.2 Functional Block Diagram
Logic Diagram, Each Gate (Positive Logic)
9.3 Feature Description
Wide operating voltage range
Operates from 1.65 V to 3.6 V
Allows up or down voltage translation
Inputs and outputs accept voltages to 5.5 V
Ioff feature
Allows voltages on the inputs and outputs when VCC is 0 V
9.4 Device Functional Modes
Table 1. Function Table
(Each Gate)
INPUTS
OUTPUT
Y
A
B
H
H
L
L
X
H
X
L
H


Similar Part No. - 5962-9753301VDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9753301VDA TI-5962-9753301VDA Datasheet
788Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - 5962-9753301VDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00 TI1-SN54F00_14 Datasheet
779Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com