Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC14PWE4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC14PWE4
Description  Hex Schmitt-Trigger Inverters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC14PWE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74HC14PWE4 Datasheet HTML 6Page - Texas Instruments SN74HC14PWE4 Datasheet HTML 7Page - Texas Instruments SN74HC14PWE4 Datasheet HTML 8Page - Texas Instruments SN74HC14PWE4 Datasheet HTML 9Page - Texas Instruments SN74HC14PWE4 Datasheet HTML 10Page - Texas Instruments SN74HC14PWE4 Datasheet HTML 11Page - Texas Instruments SN74HC14PWE4 Datasheet HTML 12Page - Texas Instruments SN74HC14PWE4 Datasheet HTML 13Page - Texas Instruments SN74HC14PWE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
1A
1Y
C1
R1
2A
2Y
INPUT
OUTPUT
10
SN54HC14, SN74HC14
SCLS085I – DECEMBER 1982 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: SN54HC14 SN74HC14
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The SNx4HC14 device is a Schmitt-trigger input CMOS device that can be used for a multitude of inverting buffer
type functions. The application shown here takes advantage of the Schmitt-trigger inputs to produce a delay for a
logic output.
10.2 Typical Application
Figure 5. Simplified Application Schematic
10.2.1 Design Requirements
This device uses CMOS technology. Take care to avoid bus contention because it can drive currents that would
exceed maximum limits. Parallel output drive can create fast edges into light loads so consider routing and load
conditions to prevent ringing.
10.2.2 Detailed Design Procedure
This circuit is designed around an RC network that produces a slow input to the second inverter. The RC time
constant,
τ, is calculated from: τ = R×C
The delay time for this circuit will be between 1.2
τ and 0.42τ. It should be noted that the delay will be consistent
for each device, but since the switching threshold is only guaranteed between a minimum and maximum value,
the output pulse length will vary between devices. These values were calculated by using the minimum and
maximum guaranteed VT+ values.
The resistor value should be chosen such that the maximum current from/to the SNx4HC14 is 4 mA.
Recommended input conditions:
Schmitt-trigger inputs allow for slow inputs.
Specified high and low levels. See (VIH and VIL) in Recommended Operating Conditions.
Recommended output conditions:
Load currents should not exceed 4 mA per output.


Similar Part No. - SN74HC14PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC14PWE4 TI-SN74HC14PWE4 Datasheet
665Kb / 17P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74HC14PWE4 TI-SN74HC14PWE4 Datasheet
1Mb / 31P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74HC14PWE4 TI-SN74HC14PWE4 Datasheet
1Mb / 33P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - SN74HC14PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com