Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV123APWRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV123APWRG4
Description  Dual Retriggerable Monostable Multivibrators With Schmitt-Trigger Inputs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV123APWRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LV123APWRG4 Datasheet HTML 1Page - Texas Instruments SN74LV123APWRG4 Datasheet HTML 2Page - Texas Instruments SN74LV123APWRG4 Datasheet HTML 3Page - Texas Instruments SN74LV123APWRG4 Datasheet HTML 4Page - Texas Instruments SN74LV123APWRG4 Datasheet HTML 5Page - Texas Instruments SN74LV123APWRG4 Datasheet HTML 6Page - Texas Instruments SN74LV123APWRG4 Datasheet HTML 7Page - Texas Instruments SN74LV123APWRG4 Datasheet HTML 8Page - Texas Instruments SN74LV123APWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
SN54LV123A
SN74LV123A
www.ti.com
SCLS393Q – APRIL 1998 – REVISED AUGUST 2015
5 Description (continued)
These edge-triggered multivibrators feature output pulse-duration control by three methods. In the first method,
the A input is low, and the B input goes high. In the second method, the B input is high, and the A input goes
low. In the third method, the A input is low, the B input is high, and the clear (CLR) input goes high.
The output pulse duration is programmable by selecting external resistance and capacitance values. The
external timing capacitor must be connected between Cext and Rext/Cext (positive) and an external resistor
connected between Rext/Cext and VCC. To obtain variable pulse durations, connect an external variable resistance
between Rext/Cext and VCC. The output pulse duration also can be reduced by taking CLR low.
6 Pin Configuration and Functions
D, DB, DGV, NS, or PW Package
RGY Package
16-Pin SOIC, SSOP, SO, TSSOP
16-Pin VQFN
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
1A
1
I
Channel 1 falling edge trigger input when 1B = L; Hold low for other input methods
1B
2
I
Channel 1 rising edge trigger input when 1A = H; Hold high for other input methods
Channel 1 rising edge trigger when 1A = H and 1B = L; Hold high for other input methods;
1CLR
3
I
Can cut pulse length short by driving low during output
1Q
4
O
Channel 1 inverted output
2Q
5
O
Channel 2 output
2Cext
6
Channel 2 external capacitor negative connection
2Rext/Cext
7
Channel 2 external capacitor and resistor junction connection
GND
8
Ground
2A
9
I
Channel 2 falling edge trigger input when 2B = L; Hold low for other input methods
2B
10
I
Channel 2 rising edge trigger input when 2A = H; Hold high for other input methods
Channel 2 rising edge trigger when 2A = H and 2B = L; Hold high for other input methods;
2CLR
11
I
Can cut pulse length short by driving low during output
2Q
12
O
Channel 2 inverted output
1Q
13
O
Channel 1 output
1Cext
14
Channel 1 external capacitor negative connection
1Rext/Cext
15
Channel 1 external capacitor and resistor junction connection
VCC
16
Power supply
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN54LV123A SN74LV123A


Similar Part No. - SN74LV123APWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV123APWRG4 TI-SN74LV123APWRG4 Datasheet
530Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV123APWRG4 TI-SN74LV123APWRG4 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN74LV123APWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV123A TI-SN54LV123A_10 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI-SN54LV123A Datasheet
530Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A_08 Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74221J TI-SN74221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221 Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A_07 Datasheet
577Kb / 22P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN54221 TI-SN54221_07 Datasheet
761Kb / 25P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com