Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV164APWG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV164APWG4
Description  8-Bit Parallel-Out Serial Shift Registers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV164APWG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LV164APWG4 Datasheet HTML 4Page - Texas Instruments SN74LV164APWG4 Datasheet HTML 5Page - Texas Instruments SN74LV164APWG4 Datasheet HTML 6Page - Texas Instruments SN74LV164APWG4 Datasheet HTML 7Page - Texas Instruments SN74LV164APWG4 Datasheet HTML 8Page - Texas Instruments SN74LV164APWG4 Datasheet HTML 9Page - Texas Instruments SN74LV164APWG4 Datasheet HTML 10Page - Texas Instruments SN74LV164APWG4 Datasheet HTML 11Page - Texas Instruments SN74LV164APWG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SN54LV164A, SN74LV164A
SCLS403I – APRIL 1998 – REVISED MARCH 2015
www.ti.com
6.11 Switching Characteristics: VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 4)
SN54LV164A
SN74LV164A
SN74LV164A
TA = 25°C
FROM
TO
LOAD
(1)
–40°C to 85°C
–40°C to 125°C
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
CL = 15 pF
125(2)
220(2)
105(2)
105
95
fmax
MHz
CL = 50 pF
85
165
75
75
65
10.5(2
tpd
CLK
Q
4.5(2)
9(2)
1(2)
1
10.5
1
11.5
)
CL = 15 pF
ns
tPHL
CLR
Q
4.2(2)
8.6(2)
1(2)
10(2)
1
10
1
11
tpd
CLK
Q
6
11
1
12.5
1
12.5
1
13
CL = 50 pF
ns
tPHL
CLR
Q
5.8
10.6
1
12.5
1
12.5
1
13
(1)
Product Preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
6.12 Noise Characteristics
(1)
VCC = 3.3 V, CL = 50 pF, TA = 25°C
SN74LV164A
PARAMETER
UNIT
MIN
TYP
MAX
VOL(P)
Quiet output, maximum dynamic VOL
0.28
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.22
–0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
3.09
V
VIH(D)
High-level dynamic input voltage
2.31
V
VIL(D)
Low-level dynamic input voltage
0.99
V
(1)
Characteristics are for surface-mount packages only.
6.13 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
3.3 V
48.1
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
pF
5 V
47.5
8
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
SN74LV164A


Similar Part No. - SN74LV164APWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV164APWG4 TI-SN74LV164APWG4 Datasheet
464Kb / 17P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74LV164APWG4 TI-SN74LV164APWG4 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74LV164APWG4 TI-SN74LV164APWG4 Datasheet
701Kb / 21P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74LV164APWG4 TI-SN74LV164APWG4 Datasheet
702Kb / 21P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74LV164APWG4 TI-SN74LV164APWG4 Datasheet
1Mb / 36P
[Old version datasheet]   SN74LV164A 8-Bit Parallel-Out Serial Shift Registers
DECEMBER 2022
More results

Similar Description - SN74LV164APWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI1-SN54HC164_16 Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com