Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV132APWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV132APWR
Description  Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV132APWR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV132APWR Datasheet HTML 1Page - Texas Instruments SN74LV132APWR Datasheet HTML 2Page - Texas Instruments SN74LV132APWR Datasheet HTML 3Page - Texas Instruments SN74LV132APWR Datasheet HTML 4Page - Texas Instruments SN74LV132APWR Datasheet HTML 5Page - Texas Instruments SN74LV132APWR Datasheet HTML 6Page - Texas Instruments SN74LV132APWR Datasheet HTML 7Page - Texas Instruments SN74LV132APWR Datasheet HTML 8Page - Texas Instruments SN74LV132APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
A
B
Y
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54LV132A, SN74LV132A
SCLS394J – APRIL 1999 – REVISED FEBRUARY 2015
SNx4LV132A Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
1 Features
3 Description
The 'LV132A devices are quadruple positive-NAND
1
2-V to 5.5-V VCC Operation
gates designed for 2-V to 5.5-V VCC operation.
Max tpd of 9 ns at 5 V
The 'LV132A devices perform the Boolean function Y
Typical VOLP (Output Ground Bounce) <0.8 V at
= A • B or Y = A + B in positive logic.
VCC = 3.3 V, TA = 25°C
Each circuit functions as a NAND gate, but because
Typical VOHV (Output VOH Undershoot) >2.3 V at
of the Schmitt trigger, it has different input threshold
VCC = 3.3 V, TA = 25°C
levels for positive- and negative-going signals.
Support Mixed-Mode Voltage Operation on All
These circuits are temperature compensated and can
Ports
be triggered from the slowest of input ramps and still
Latch-Up Performance Exceeds 250 mA per
give clean jitter-free output signals.
JESD 17
Ioff Supports Live Insertion, Partial Power-Down
Device Information(1)
Mode, and Back Drive Protection
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ESD Protection Exceeds JESD 22
SOIC (14)
8.65 mm × 3.91 mm
2000-V Human-Body Model (A114-A)
10.30 mm × 5.30
SOP (14)
mm
200-V Machine Model (A115-A)
LV132A
SSOP (14)
6.20 mm × 5.30 mm
1000-V Charged-Device Model (C101)
TSSOP (14)
5.00 mm × 4.40 mm
TVSOP (14)
3.60 mm × 4.40 mm
2 Applications
(1) For all available packages, see the orderable addendum at
Industrial PC: Rugged PC and Laptop
the end of the data sheet.
Access Control and Security: Camera
Surveillance IP Network
Vending, Payment and Change Machines
Patient Monitoring STB / DVR / Streaming Media
(Withdraw)
Other Motor Drives (Such as Switch Reluctance)
4 Logic Diagram (Positive Logic)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LV132APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV132APWR TI-SN74LV132APWR Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN74LV132APWR TI-SN74LV132APWR Datasheet
317Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN74LV132APWR TI-SN74LV132APWR Datasheet
474Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN74LV132APWR TI-SN74LV132APWR Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN74LV132APWR TI-SN74LV132APWR Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN74LV132APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_07 Datasheet
474Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_08 Datasheet
304Kb / 10P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHCT132 TI-SN54AHCT132 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132 TI-SN54HC132 Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132 Datasheet
130Kb / 8P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132-DIE TI1-SN54HC132-DIE Datasheet
96Kb / 6P
[Old version datasheet]   Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com