Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC1G04DBVRE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC1G04DBVRE4
Description  Single Inverter Gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G04DBVRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHC1G04DBVRE4 Datasheet HTML 1Page - Texas Instruments SN74AHC1G04DBVRE4 Datasheet HTML 2Page - Texas Instruments SN74AHC1G04DBVRE4 Datasheet HTML 3Page - Texas Instruments SN74AHC1G04DBVRE4 Datasheet HTML 4Page - Texas Instruments SN74AHC1G04DBVRE4 Datasheet HTML 5Page - Texas Instruments SN74AHC1G04DBVRE4 Datasheet HTML 6Page - Texas Instruments SN74AHC1G04DBVRE4 Datasheet HTML 7Page - Texas Instruments SN74AHC1G04DBVRE4 Datasheet HTML 8Page - Texas Instruments SN74AHC1G04DBVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
A
Y
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74AHC1G04
SCLS318T – MARCH 1996 – REVISED JANUARY 2016
SN74AHC1G04 Single Inverter Gate
1
1 Features
1
Operating Range 2 V to 5.5 V
Max tpd of 6.5 ns at 5 V
Low Power Consumption, 10-
μA Max ICC
±8-mA Output Drive at 5 V
Schmitt-Trigger Action at All Inputs Makes the
Circuit Tolerant for Slower Input Rise and Fall
Time
Latch-Up Performance Exceeds 250 mA Per
JESD 17
2 Applications
Cameras
E-Meters
Ethernet Switches
Infotainment
3 Description
The SN74AHC1G04 contains one inverter gate. The
device performs the Boolean function Y = A.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74AHC1G04
SOT-23 (5)
2.90 x 1.60 mm
SC-70 (5)
2.00 x 1.30 mm
SOT-553 (5)
1.65 x 1.20 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - SN74AHC1G04DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G04DBVRE4 TI-SN74AHC1G04DBVRE4 Datasheet
239Kb / 9P
[Old version datasheet]   SINGLE INVERTER GATE
SN74AHC1G04DBVRE4 TI-SN74AHC1G04DBVRE4 Datasheet
471Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74AHC1G04DBVRE4 TI-SN74AHC1G04DBVRE4 Datasheet
574Kb / 13P
[Old version datasheet]   SINGLE INVERTER GATE
SN74AHC1G04DBVRE4 TI1-SN74AHC1G04DBVRE4 Datasheet
1Mb / 27P
[Old version datasheet]   Single Inverter Gate
More results

Similar Description - SN74AHC1G04DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1GU04 TI-SN74AUC1GU04_10 Datasheet
445Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74AHC1G04 DIODES-74AHC1G04_11 Datasheet
180Kb / 8P
   SINGLE INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com