Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC1G09 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74AHC1G09
Description  Single 2?밒nput Positive-AND Gate With Open-Drain Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G09 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AHC1G09_16 Datasheet HTML 6Page - Texas Instruments SN74AHC1G09_16 Datasheet HTML 7Page - Texas Instruments SN74AHC1G09_16 Datasheet HTML 8Page - Texas Instruments SN74AHC1G09_16 Datasheet HTML 9Page - Texas Instruments SN74AHC1G09_16 Datasheet HTML 10Page - Texas Instruments SN74AHC1G09_16 Datasheet HTML 11Page - Texas Instruments SN74AHC1G09_16 Datasheet HTML 12Page - Texas Instruments SN74AHC1G09_16 Datasheet HTML 13Page - Texas Instruments SN74AHC1G09_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
VCC
Unused Input
Input
Output
Output
Input
Unused Input
Time (ns)
20
0
2
4
6
8
10
12
14
16
18
±1.5 V
±1 V
0 V
0.5 V
1 V
1.5 V
2 V
2.5 V
3.5 V
4 V
4.5 V
5 V
3 V
5.5 V
HC
VI
AC
AHC1G09
SN74AHC1G09
SCLS724C – MAY 2011 – REVISED JANUARY 2016
www.ti.com
Typical Application (continued)
9.2.3 Application Curve
VCC = 5 V, Load = 50 Ω / 50 pF
Figure 4. ICC vs Input Voltage
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in
Recommended Operating Conditions.
Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, a 0.1-
μF capacitor is recommended; if there are multiple VCC pins then a 0.01-μF or 0.022-μF capacitor is
recommended for each power pin. It is acceptable to parallel multiple bypass caps to reject different frequencies
of noise. 0.1-
μF and 1-μF capacitors are commonly used in parallel. The bypass capacitor should be installed as
close to the power pin as possible for best results.
11 Layout
11.1 Layout Guidelines
When using multiple bit logic devices, inputs must not ever float. In many cases, functions or parts of functions of
digital logic devices are unused (for example, when only two inputs of a triple-input AND gate are used, or only 3
of the 4 buffer gates are used). Such input pins must not be left unconnected because the undefined voltages at
the outside connections result in undefined operational states.
The following are the rules that must be observed under all circumstances:
All unused inputs of digital logic devices must be connected to a high or low bias to prevent them from
floating.
The logic level that should be applied to any particular unused input depends on the function of the device.
Generally they will be tied to GND or VCC, whichever make more sense or is more convenient.
11.2 Layout Example
Figure 5. Layout Diagram
10
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: SN74AHC1G09


Similar Part No. - SN74AHC1G09_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G09-Q1 TI-SN74AHC1G09-Q1 Datasheet
816Kb / 19P
[Old version datasheet]   SN74AHC1G09-Q1 Automotive Single 2–Input Positive-AND Gate With Open-Drain Output
MAY 2023
SN74AHC1G09-Q1 TI-SN74AHC1G09-Q1 Datasheet
1,002Kb / 22P
[Old version datasheet]   SN74AHC1G09-Q1 Automotive Single 2–Input Positive-AND Gate With Open-Drain Output
REVISED OCTOBER 2023
SN74AHC1G09-Q1 TI-SN74AHC1G09-Q1_V01 Datasheet
1,002Kb / 22P
[Old version datasheet]   SN74AHC1G09-Q1 Automotive Single 2–Input Positive-AND Gate With Open-Drain Output
REVISED OCTOBER 2023
SN74AHC1G09DBVR TI1-SN74AHC1G09DBVR Datasheet
648Kb / 13P
[Old version datasheet]   SINGLE 2?밒NPUT POSITIVE?밃ND GATE WITH OPEN DRAIN OUTPUT
SN74AHC1G09DCKR TI1-SN74AHC1G09DCKR Datasheet
648Kb / 13P
[Old version datasheet]   SINGLE 2?밒NPUT POSITIVE?밃ND GATE WITH OPEN DRAIN OUTPUT
More results

Similar Description - SN74AHC1G09_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G09 TI1-SN74AHC1G09 Datasheet
648Kb / 13P
[Old version datasheet]   SINGLE 2?밒NPUT POSITIVE?밃ND GATE WITH OPEN DRAIN OUTPUT
logo
Diodes Incorporated
74AHC1G09 DIODES-74AHC1G09 Datasheet
335Kb / 9P
   SINGLE 2 INPUT POSITIVE AND GATE WITH OPEN DRAIN OUTPUT
74AUP1G09 DIODES-74AUP1G09 Datasheet
202Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE WITH OPEN DRAIN OUTPUT
logo
Unisonic Technologies
U74LVC1G09 UTC-U74LVC1G09 Datasheet
183Kb / 5P
   SINGLE 2-INPUT POSITIVE-AND GATE WITH OPEN-DRAIN OUTPUT
logo
Texas Instruments
SN74AHC1G09-Q1 TI-SN74AHC1G09-Q1_V01 Datasheet
1,002Kb / 22P
[Old version datasheet]   SN74AHC1G09-Q1 Automotive Single 2–Input Positive-AND Gate With Open-Drain Output
REVISED OCTOBER 2023
SN74AHC1G09-Q1 TI-SN74AHC1G09-Q1 Datasheet
816Kb / 19P
[Old version datasheet]   SN74AHC1G09-Q1 Automotive Single 2–Input Positive-AND Gate With Open-Drain Output
MAY 2023
logo
E-Tech Electronics LTD
MC74VHC1G09 ETL-MC74VHC1G09 Datasheet
576Kb / 4P
   2-Input AND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09 Datasheet
195Kb / 8P
   2-Input AND Gate with Open Drain Output
October, 1999 ??Rev. 0.0
MC74VHC1G09 ONSEMI-MC74VHC1G09_13 Datasheet
132Kb / 6P
   2-Input AND Gate with Open Drain Output
October, 2013 ??Rev. 18
MC74VHC1G09 ONSEMI-MC74VHC1G09_V01 Datasheet
165Kb / 14P
   2-Input AND Gate with Open Drain Output
April, 2022 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com