Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC1G14DBVRE4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC1G14DBVRE4
Description  Single Schmitt-Trigger Inverter Gate
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G14DBVRE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AHC1G14DBVRE4 Datasheet HTML 2Page - Texas Instruments SN74AHC1G14DBVRE4 Datasheet HTML 3Page - Texas Instruments SN74AHC1G14DBVRE4 Datasheet HTML 4Page - Texas Instruments SN74AHC1G14DBVRE4 Datasheet HTML 5Page - Texas Instruments SN74AHC1G14DBVRE4 Datasheet HTML 6Page - Texas Instruments SN74AHC1G14DBVRE4 Datasheet HTML 7Page - Texas Instruments SN74AHC1G14DBVRE4 Datasheet HTML 8Page - Texas Instruments SN74AHC1G14DBVRE4 Datasheet HTML 9Page - Texas Instruments SN74AHC1G14DBVRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
45
50
Time (ns)
C001
SN74AHC1G14
SCLS321Q – MARCH 1996 – REVISED SEPTEMBER 2015
www.ti.com
6.6 Switching Characteristics, VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
RECOMMENDED
TA = 25°C
TA = –40°C to 85°C
TA = –40°C to
FROM
TO
OUTPUT
PARAMETER
UNIT
125°C
(INPUT)
(OUTPUT)
CAPACITANCE
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
8.3
12.8
1
15
1
16
ns
A
Y
CL = 15 pF
tPHL
8.3
12.8
1
15
1
16
ns
tPLH
10.8
16.3
1
18.5
1
19.5
ns
A
Y
CL = 50 pF
tPHL
10.8
16.3
1
18.5
1
19.5
ns
6.7 Switching Characteristics, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
RECOMMENDED
TA = –40°C to
TA = 25°C
TA = –40°C to
FROM
TO
OUTPUT
85°C
PARAMETER
UNIT
125°C
(INPUT)
(OUTPUT)
CAPACITANCE
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
5.5
8.6
1
10
1
11
ns
A or B
Y
CL = 15 pF
tPHL
5.5
8.6
1
10
1
11
ns
tPLH
7
10.6
1
12
1
11
ns
A or B
Y
CL = 50 pF
tPHL
7
10.6
1
12
1
11
ns
6.8 Operating Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
9
pF
6.9 Typical Characteristics
TA = 25°C, VA = 5 V
Figure 1. Response Time vs Output Voltage
6
Submit Documentation Feedback
Copyright © 1996–2015, Texas Instruments Incorporated
Product Folder Links: SN74AHC1G14


Similar Part No. - SN74AHC1G14DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G14DBVRE4 TI-SN74AHC1G14DBVRE4 Datasheet
239Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14DBVRE4 TI-SN74AHC1G14DBVRE4 Datasheet
471Kb / 12P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14DBVRE4 TI-SN74AHC1G14DBVRE4 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14DBVRE4 TI1-SN74AHC1G14DBVRE4 Datasheet
1Mb / 28P
[Old version datasheet]   Single Schmitt-Trigger Inverter Gate
More results

Similar Description - SN74AHC1G14DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G14 TI1-SN74AHC1G14_18 Datasheet
1Mb / 28P
[Old version datasheet]   Single Schmitt-Trigger Inverter Gate
SN74AHCT1G14 TI1-SN74AHCT1G14_18 Datasheet
1Mb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_15 Datasheet
173Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Texas Instruments
SN74AHCT1G14 TI1-SN74AHCT1G14_13 Datasheet
876Kb / 14P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74AHC1G14 UTC-U74AHC1G14 Datasheet
191Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
U74AHC1G14 UTC-U74AHC1G14_15 Datasheet
192Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Texas Instruments
SN74AHC1G14 TI-SN74AHC1G14 Datasheet
239Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14 TI-SN74AHC1G14_08 Datasheet
471Kb / 12P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHCT1G14 TI-SN74AHCT1G14 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_15 Datasheet
164Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com