Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC257ADT Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC257ADT
Description  Quadruple 2-Line to 1-Line Data Selectors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC257ADT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC257ADT Datasheet HTML 1Page - Texas Instruments SN74LVC257ADT Datasheet HTML 2Page - Texas Instruments SN74LVC257ADT Datasheet HTML 3Page - Texas Instruments SN74LVC257ADT Datasheet HTML 4Page - Texas Instruments SN74LVC257ADT Datasheet HTML 5Page - Texas Instruments SN74LVC257ADT Datasheet HTML 6Page - Texas Instruments SN74LVC257ADT Datasheet HTML 7Page - Texas Instruments SN74LVC257ADT Datasheet HTML 8Page - Texas Instruments SN74LVC257ADT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
4Y
3Y
2Y
1Y
A/B
OE
4B
4A
3B
3A
2B
2A
1B
1A
4
2
3
7
5
6
9
11
10
12
14
13
1
15
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54LVC257A, SN74LVC257A
SCAS294O – JANUARY 1993 – REVISED JUNE 2015
SNx4LVC257A Quadruple 2-Line to 1-Line Data Selectors and
Multiplexers With 3-State Outputs
1 Features
3 Description
These quadruple 2-line to 1-line data selectors and
1
Operate From 1.65 V to 3.6 V
multiplexers are designed for 1.65-V to 3.6-V VCC
Inputs Accept Voltages to 5.5 V
operation.
Maximum tpd of 4.6 ns at 3.3 V
The SNx4LVC257A devices are designed to multiplex
Typical VOLP (Output Ground Bounce)
signals from 4-bit data sources to 4-output data lines
<0.8 V at VCC = 3.3 V, TA = 25°C
in bus-organized systems. The 3-state outputs do not
Typical VOHV (Output VOH Undershoot)
load the data lines when the output-enable (OE) input
>2 V at VCC = 3.3 V, TA = 25°C
is at a high logic level.
Latch-Up Performance Exceeds 250 mA Per
Inputs can be driven from either 3.3-V or 5-V devices.
JESD 17
This feature allows the use of these devices as
translators in a mixed 3.3-V or 5-V system
ESD Protection Exceeds JESD 22
environment.
2000-V Human-Body Model (A114-A)
200-V Machine Model (A115-A)
Device Information(1)
On Products Compliant to MIL-PRF-38535, All
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Parameters Are Tested Unless Otherwise Noted.
VQFN (16)
3.50 mm × 4.00 mm
On All Other Products, Production Processing
SOIC (16)
9.90 mm × 3.91 mm
Does Not Necessarily Include Testing of All
SN74LVC257A
SO (16)
10.30 mm × 5.30 mm
Parameters.
SSOP (16)
5.50 mm × 6.20 mm
TSSOP (16)
4.40 mm × 5.00 mm
2 Applications
CDIP (16)
6.92 mm × 21.34 mm
Cable Modem Termination Systems
SN54LVC257A
CFP (16)
10.30 mm × 6.73 mm
Tests and Measurements
LCCC (20)
8.89 mm × 8.89 mm
I/O Expanders
(1) For all available packages, see the orderable addendum at
Motor Drivers
the end of the data sheet.
Network Switches
Servers
Telecom Infrastructure
Logic Diagram (Positive Logic)
Pin numbers shown are for the D, DB, J, NS, PW , RGY , and W packages.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC257ADT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC257ADT TI-SN74LVC257ADT Datasheet
539Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS/ MULTIPLEXERS WITH 3 STATE OUTPUTS
SN74LVC257ADT TI-SN74LVC257ADT Datasheet
893Kb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74LVC257ADTE4 TI-SN74LVC257ADTE4 Datasheet
893Kb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74LVC257ADTG4 TI-SN74LVC257ADTG4 Datasheet
893Kb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC257ADT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC157 UTC-U74HC157_15 Datasheet
205Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS
logo
Texas Instruments
SN54157 TI1-SN54157_15 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHC157 TI1-SN54AHC157_15 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHCT158 TI1-SN54AHCT158_15 Datasheet
633Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157 Datasheet
192Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN54HCT157 TI-SN54HCT157_07 Datasheet
342Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74AHC158 UTC-U74AHC158 Datasheet
219Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com