Electronic Components Datasheet Search
Selected language     English  ▼


SN74AHC595D Datasheet(PDF) 6 Page - Texas Instruments

Part No. SN74AHC595D
Description  8-Bit Shift Registers
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 6 page
background image
SN74AHC595
SCLS373K – MAY 1996 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
TA = 25°C
4
TA = –40°C to 85°C
40
ICC
VI = VCC or GND,
IO = 0
5.5 V
µA
TA = –40°C to 125°C
40
Recommended
TA = 25°C
3
10
Ci
VI = VCC or GND
5 V
pF
TA = –40°C TO 85°C
10
CO
VO = VCC or GND,
TA = 25°C
5 V
5.5
pF
6.6 Operating Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
25.2
pF
6.7 Timing Requirements: VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
TA = 25°C
5
SRCLK high or low
TA = –40°C to 85°C
5
TA = –40°C to 125°C Recommended
6
TA = 25°C
5
tW
Pulse duration
RCLK high or low
TA = –40°C to 85°C
5
ns
TA = –40°C to 125°C Recommended
6
TA = 25°C
5
SRCLR low
TA = –40°C to 85°C
5
TA = –40°C to 125°C Recommended
6.5
TA = 25°C
3.5
SER before SRCLK
TA = –40°C to 85°C
3.5
TA = –40°C to 125°C Recommended
4.5
TA = 25°C
8
SRCLK
↑ before RCLK↑(1)
TA = –40°C to 85°C
8.5
TA = –40°C to 125°C Recommended
9.5
tsu
Set-up time
ns
TA = 25°C
8
SRCLR low before RCLK
TA = –40°C to 85°C
9
TA = –40°C to 125°C Recommended
10
TA = 25°C
3
SRCLR high (inactive) before
TA = –40°C to 85°C
3
SRCLK
TA = –40°C to 125°C Recommended
4
TA = 25°C
1.5
th
Hold time
SER after SRCLK
TA = –40°C to 85°C
1.5
ns
TA = –40°C to 125°C Recommended
2.5
(1)
This set-up time allows the storage register to receive stable data from the shift register. The clocks can be tied together, in which case
the shift register is one clock pulse ahead of the storage register.
6
Submit Documentation Feedback
Copyright © 1996–2015, Texas Instruments Incorporated
Product Folder Links: SN74AHC595




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl