Electronic Components Datasheet Search
Selected language     English  ▼


SN74AHC595D Datasheet(PDF) 9 Page - Texas Instruments

Part No. SN74AHC595D
Description  8-Bit Shift Registers
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 9 page
background image
SN74AHC595
www.ti.com
SCLS373K – MAY 1996 – REVISED SEPTEMBER 2015
6.10 Switching Characteristics: VCC = 5 V ± 0.5 V
over operating free-air temperature range (unless otherwise noted)
FROM
TO
LOAD
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
TA = 25°C
135(1)
170(1)
CL = 15 pF
TA = –40°C to 85°C
115
fmax
MHz
TA = 25°C
95
140
CL = 50 pF
TA = –40°C to 85°C
85
TA = 25°C
4.3(1)
7.4(1)
tPLH
RCLK
QA – QH
CL = 15 pF
ns
TA = –40°C to 85°C
1
8.5
TA = 25°C
4.3(1)
7.4(1)
tPHL
RCLK
QA – QH
CL = 15 pF
ns
TA = –40°C to 85°C
1
8.5
TA = 25°C
4.5(1)
8.2(1)
tPLH
SRCLK
QH'
CL = 15 pF
ns
TA = –40°C to 85°C
1
9.4
TA = 25°C
4.5(1)
8.2(1)
tPHL
SRCLK
QH'
CL = 15 pF
ns
TA = –40°C to 85°C
1
9.4
TA = 25°C
4.5(1)
8(1)
tPHL
SRCLR
QH'
CL = 15 pF
ns
TA = –40°C to 85°C
1
9.1
TA = 25°C
4.3(1)
8.6(1)
tPZH
OE
QA – QH
CL = 15 pF
ns
TA = –40°C to 85°C
1
10
TA = 25°C
5.4(1)
8.6(1)
tPZL
OE
QA – QH
CL = 15 pF
ns
TA = –40°C to 85°C
1
10
TA = 25°C
5.6
9.4
tPLH
RCLK
QA – QH
CL = 50 pF
ns
TA = –40°C to 85°C
1
10.5
TA = 25°C
5.6
9.4
tPHL
RCLK
QA – QH
CL = 50 pF
ns
TA = –40°C to 85°C
1
10.5
TA = 25°C
6.4
10.2
tPLH
SRCLK
QH'
CL = 50 pF
ns
TA = –40°C to 85°C
1
11.4
TA = 25°C
6.4
10.2
tPHL
SRCLK
QH'
CL = 50 pF
ns
TA = –40°C to 85°C
1
11.4
TA = 25°C
6.4
10
tPHL
SRCLR
QH'
CL = 50 pF
ns
TA = –40°C to 85°C
1
11.1
TA = 25°C
5.7
10.6
tPZH
OE
QA – QH
CL = 50 pF
ns
TA = –40°C to 85°C
1
12
TA = 25°C
6.8
10.6
tPZL
OE
QA – QH
CL = 50 pF
ns
TA = –40°C to 85°C
1
12
TA = 25°C
3.5
10.3
tPHZ
OE
QA – QH
CL = 50 pF
ns
TA = –40°C to 85°C
1
11
TA = 25°C
3.4
10.3
tPLZ
OE
QA – QH
CL = 50 pF
ns
TA = –40°C to 85°C
1
11
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
Copyright © 1996–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74AHC595




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl