Electronic Components Datasheet Search
Selected language     English  ▼


SN74AHC595DG4 Datasheet(PDF) 3 Page - Texas Instruments

Part No. SN74AHC595DG4
Description  8-Bit Shift Registers
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 3 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
B
C
D
E
F
G
H
Q
Q
Q
Q
Q
Q
Q
GND
VCC
Q
SER
A
OE
RCLK
SRCLK
SRCLR
QH′
SN74AHC595
www.ti.com
SCLS373K – MAY 1996 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
D, DB, N, PW Packages
16-Pin SOIC, SSOP, PDIP, TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
GND
8
Ground Pin
OE
13
I
Output Enable
QA
15
O
QA Output
QB
1
O
QB Output
QC
2
O
QC Output
QD
3
O
QD Output
QE
4
O
QE Output
QF
5
O
QF Output
QG
6
O
QG Output
QH
7
O
QH Output
QH'
9
O
QH' Output
RCLK
12
I
RCLK Input
SER
14
I
SER Input
SRCLK
11
I
SRCLK Input
SRCLR
10
I
SRCLR Input
VCC
16
Power Pin
Copyright © 1996–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74AHC595




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl