Electronic Components Datasheet Search
Selected language     English  ▼


SN74AHC595DG4 Datasheet(PDF) 1 Page - Texas Instruments

Part No. SN74AHC595DG4
Description  8-Bit Shift Registers
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 1 page
background image
3D
C3
1D
C1
R
3D
C3
2D
C2
R
3D
C3
2D
C2
R
3D
C3
2D
C2
R
3D
C3
2D
C2
R
3D
C3
2D
C2
R
3D
C3
2D
C2
R
3D
C3
2D
C2
R
13
12
10
11
14
15
1
2
3
4
5
6
7
9
QA
QB
QC
QD
QE
QF
QG
QH
QH′
OE
SRCLR
RCLK
SRCLK
SER
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74AHC595
SCLS373K – MAY 1996 – REVISED SEPTEMBER 2015
SN74AHC595 8-Bit Shift Registers With 3-State Output Registers
1 Features
3 Description
The SN74AHC595 device contains an 8-bit serial-in,
1
Operating Range: 2-V to 5.5-V VCC
parallel-out shift register that feeds an 8-bit D-type
8-Bit Serial-In, Parallel-Out Shift
storage register. The storage register has parallel 3-
Latch-Up Performance Exceeds 100 mA Per
state outputs. Separate clocks are provided for both
JESD 78, Class II
the shift and storage registers. The shift register has
a direct overriding clear (SRCLR) input, a serial
ESD Protection Exceeds JESD 22
(SER) input, and a serial output for cascading. When
2000-V Human-Body Model (A114-A)
the output-enable (OE) input is high, all outputs
200-V Machine Model (A115-A)
except QH
′ are in the high-impedance state.
1000-V Charged-Device Model (C101)
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
SN74AHC595N
PDIP (16)
19.31 mm × 6.35 mm
Network Switches
SN74AHC595D
SOIC (16)
9.90 mm × 3.90 mm
Power Infrastructures
SN74AHC595DB
SSOP (16)
6.20 mm × 5.30 mm
LED Displays
SN74AHC595PW
TSSOP (16)
5.00 mm × 4.40 mm
Servers
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram (Positive Logic)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl