Electronic Components Datasheet Search
Selected language     English  ▼


SN74AHC595N Datasheet(PDF) 2 Page - Texas Instruments

Part No. SN74AHC595N
Description  8-Bit Shift Registers
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 2 page
background image
SN74AHC595
SCLS373K – MAY 1996 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
8.1
Overview ................................................................. 13
1
Features .................................................................. 1
8.2
Functional Block Diagram ....................................... 13
2
Applications ........................................................... 1
8.3
Feature Description................................................. 14
3
Description ............................................................. 1
8.4
Device Functional Modes........................................ 14
4
Revision History..................................................... 2
9
Application and Implementation ........................ 15
5
Pin Configuration and Functions ......................... 3
9.1
Application Information............................................ 15
6
Specifications......................................................... 4
9.2
Typical Application .................................................. 15
6.1
Absolute Maximum Ratings ...................................... 4
10
Power Supply Recommendations ..................... 17
6.2
ESD Ratings.............................................................. 4
11
Layout................................................................... 17
6.3
Recommended Operating Conditions ....................... 4
11.1
Layout Guidelines ................................................. 17
6.4
Thermal Information .................................................. 5
11.2
Layout Example .................................................... 17
6.5
Electrical Characteristics........................................... 5
12
Device and Documentation Support ................. 18
6.6
Operating Characteristics.......................................... 6
12.1
Documentation Support ........................................ 18
6.7
Timing Requirements: VCC = 3.3 V ± 0.3 V .............. 6
12.2
Community Resources.......................................... 18
6.8
Timing Requirements: VCC = 5 V ± 0.5 V ................. 7
12.3
Trademarks ........................................................... 18
6.9
Switching Characteristics: VCC = 3.3 V ± 0.3 V ........ 7
12.4
Electrostatic Discharge Caution ............................ 18
6.10
Switching Characteristics: VCC = 5 V ± 0.5 V ......... 9
12.5
Glossary ................................................................ 18
6.11
Typical Characteristics .......................................... 11
13
Mechanical, Packaging, and Orderable
7
Parameter Measurement Information ................ 12
Information ........................................................... 18
8
Detailed Description ............................................ 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision J (July 2013) to Revision K
Page
Deleted SN54AHC595 device from the data sheet ............................................................................................................... 1
Added Device Information table, Pin Functions table, ESD Ratings table, Thermal Information table, Detailed
Description section, Applications and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information section ...... 1
Changes from Revision I (June 2004) to Revision J
Page
Changed Updated document to new TI data sheet format. ................................................................................................... 1
Extended operating temperature range to 125°C................................................................................................................... 4
2
Submit Documentation Feedback
Copyright © 1996–2015, Texas Instruments Incorporated
Product Folder Links: SN74AHC595




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl