Electronic Components Datasheet Search
Selected language     English  ▼


SN74AHC595PW Datasheet(PDF) 8 Page - Texas Instruments

Part No. SN74AHC595PW
Description  8-Bit Shift Registers
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 8 page
background image
SN74AHC595
SCLS373K – MAY 1996 – REVISED SEPTEMBER 2015
www.ti.com
Switching Characteristics: VCC = 3.3 V ± 0.3 V (continued)
over operating free-air temperature range (unless otherwise noted)
FROM
TO
LOAD
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
TA = 25°C
6.2(1)
12.8(1)
tPHL
SRCLR
QH'
CL = 15 pF
TA = –40°C to 85°C
1
13.7
ns
TA = –40°C to 125°C Recommended
1
15
TA = 25°C
6(1)
11.5(1)
tPZH
OE
QA – QH
CL = 15 pF
TA = –40°C to 85°C
1
13.5
ns
TA = –40°C to 125°C Recommended
1
14.9
TA = 25°C
7.8(1)
11.5(1)
tPZL
OE
QA – QH
CL = 15 pF
TA = –40°C to 85°C
1
13.5
ns
TA = –40°C to 125°C Recommended
1
14.9
TA = 25°C
7.9
15.4
tPLH
RCLK
QA – QH
CL = 50 pF
TA = –40°C to 85°C
1
17
ns
TA = –40°C to 125°C Recommended
1
18.6
TA = 25°C
7.9
15.4
tPHL
RCLK
QA – QH
CL = 50 pF
TA = –40°C to 85°C
1
17
ns
TA = –40°C to 125°C Recommended
1
18.6
TA = 25°C
9.2
16.5
tPLH
SRCLK
QH'
CL = 50 pF
TA = –40°C to 85°C
1
18.5
ns
TA = –40°C to 125°C Recommended
1
20
TA = 25°C
9.2
16.5
tPHL
SRCLK
QH'
CL = 50 pF
TA = –40°C to 85°C
1
18.5
ns
TA = –40°C to 125°C Recommended
1
20
TA = 25°C
9
16.3
tPHL
SRCLR
QH'
CL = 50 pF
TA = –40°C to 85°C
1
17.2
ns
TA = –40°C to 125°C Recommended
1
18.7
TA = 25°C
7.8
15
tPZH
OE
QA – QH
CL = 50 pF
TA = –40°C to 85°C
1
17
ns
TA = –40°C to 125°C Recommended
1
18.6
TA = 25°C
9.6
15
tPZL
OE
QA – QH
CL = 50 pF
TA = –40°C to 85°C
1
17
ns
TA = –40°C to 125°C Recommended
1
18.6
TA = 25°C
8.1
15.7
tPHZ
OE
QA – QH
CL = 50 pF
TA = –40°C to 85°C
1
16.2
ns
TA = –40°C to 125°C Recommended
1
17.4
TA = 25°C
9.3
15.7
tPLZ
OE
QA – QH
CL = 50 pF
TA = –40°C to 85°C
1
16.2
ns
TA = –40°C to 125°C Recommended
1
17.4
8
Submit Documentation Feedback
Copyright © 1996–2015, Texas Instruments Incorporated
Product Folder Links: SN74AHC595




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl