Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC595PWR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC595PWR
Description  8-Bit Shift Registers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC595PWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN74AHC595PWR Datasheet HTML 11Page - Texas Instruments SN74AHC595PWR Datasheet HTML 12Page - Texas Instruments SN74AHC595PWR Datasheet HTML 13Page - Texas Instruments SN74AHC595PWR Datasheet HTML 14Page - Texas Instruments SN74AHC595PWR Datasheet HTML 15Page - Texas Instruments SN74AHC595PWR Datasheet HTML 16Page - Texas Instruments SN74AHC595PWR Datasheet HTML 17Page - Texas Instruments SN74AHC595PWR Datasheet HTML 18Page - Texas Instruments SN74AHC595PWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Controller
SRCLR
SRCLK
RCLK
5
OE
SER
QA
QB
QC
QD
QE
QF
QG
VCC
8
16
0.1 F
GND
15
1
2
3
4
5
6
7
QH
10
11
12
13
14
9
Q
1 k
1 k
1 k
1 k
1 k
1 k
1 k
1 k
+5V
SN74AHC595
www.ti.com
SCLS373K – MAY 1996 – REVISED SEPTEMBER 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SN74AHC595 device is a low-drive CMOS device that can be used for a multitude of bus-interface type
applications where output ringing is a concern. The low drive and slow edge rates minimize overshoot and
undershoot on the outputs. Figure 4 shows an application where eight LEDs are used to visualize the data bits
contained within the shift register.
9.2 Typical Application
Figure 4. Shift Register Display of 8 bits
9.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care must be taken to avoid bus contention
because it can drive currents that would exceed maximum limits. The high drive will also create fast edges into
light loads, so routing and load conditions must be considered to prevent ringing.
9.2.2 Detailed Design Procedure
Recommended input conditions:
Specified high and low levels. See (VIH and VIL) in the Recommended Operating Conditions table.
Specified high and low levels. See (VIH and VIL) in the Recommended Operating Conditions table.
Inputs are overvoltage tolerant allowing them to go as high as 6.0 V at any valid VCC
Copyright © 1996–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: SN74AHC595


Similar Part No. - SN74AHC595PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC595PWR TI-SN74AHC595PWR Datasheet
163Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74AHC595PWR TI-SN74AHC595PWR Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74AHC595PWR TI-SN74AHC595PWR Datasheet
729Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74AHC595PWR TI1-SN74AHC595PWR Datasheet
754Kb / 32P
[Old version datasheet]   SN74AHC595 8-Bit Shift Registers With 3-State Output Registers
SEPTEMBER 2015
SN74AHC595PWRE4 TI-SN74AHC595PWRE4 Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results

Similar Description - SN74AHC595PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54198 TI-SN54198 Datasheet
394Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS
logo
Unisonic Technologies
U74HCT595 UTC-U74HCT595_15 Datasheet
196Kb / 6P
   8-BIT SHIFT REGISTERS
logo
Hitachi Semiconductor
HD74LS91 HITACHI-HD74LS91 Datasheet
59Kb / 6P
   8-bit Shift Registers
logo
Texas Instruments
SN5491A TI-SN5491A Datasheet
204Kb / 5P
[Old version datasheet]   8-BIT SHIFT REGISTERS
logo
Hitachi Semiconductor
HD74LS166A HITACHI-HD74LS166A Datasheet
91Kb / 7P
   8-bit Shift Registers
logo
Aeroflex Circuit Techno...
UT54ACS164E AEROFLEX-UT54ACS164E Datasheet
158Kb / 9P
   8-Bit Shift Registers
logo
Motorola, Inc
SN54LS166 MOTOROLA-SN54LS166 Datasheet
106Kb / 4P
   8-BIT SHIFT REGISTERS
logo
Aeroflex Circuit Techno...
UT54ACS164 AEROFLEX-UT54ACS164 Datasheet
246Kb / 10P
   8-Bit Shift Registers
logo
Texas Instruments
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com