Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G74YZPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G74YZPR
Description  Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G74YZPR Datasheet(HTML) 2 Page - Texas Instruments

  SN74AUP1G74YZPR Datasheet HTML 1Page - Texas Instruments SN74AUP1G74YZPR Datasheet HTML 2Page - Texas Instruments SN74AUP1G74YZPR Datasheet HTML 3Page - Texas Instruments SN74AUP1G74YZPR Datasheet HTML 4Page - Texas Instruments SN74AUP1G74YZPR Datasheet HTML 5Page - Texas Instruments SN74AUP1G74YZPR Datasheet HTML 6Page - Texas Instruments SN74AUP1G74YZPR Datasheet HTML 7Page - Texas Instruments SN74AUP1G74YZPR Datasheet HTML 8Page - Texas Instruments SN74AUP1G74YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
SN74AUP1G74
SCES644D – MARCH 2006 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
7.2
Enable and Disable Times ...................................... 14
1
Features .................................................................. 1
8
Detailed Description ............................................ 15
2
Applications ........................................................... 1
8.1
Overview ................................................................. 15
3
Description ............................................................. 1
8.2
Functional Block Diagram ....................................... 15
4
Revision History..................................................... 2
8.3
Feature Description................................................. 15
5
Pin Configuration and Functions ......................... 3
8.4
Device Functional Modes........................................ 15
6
Specifications......................................................... 4
9
Application and Implementation ........................ 16
6.1
Absolute Maximum Ratings ..................................... 4
9.1
Application Information .......................................... 16
6.2
ESD Ratings ............................................................ 4
9.2
Typical Power Button Circuit .................................. 16
6.3
Recommended Operating Conditions ...................... 4
10
Power Supply Recommendations ..................... 17
6.4
Thermal Information .................................................. 5
11
Layout................................................................... 17
6.5
Electrical Characteristics, TA = 25°C ........................ 5
11.1
Layout Guidelines ................................................. 17
6.6
Electrical Characteristics, TA = –40°C to +85°C ....... 6
11.2
Layout Example .................................................... 17
6.7
Timing Requirements ................................................ 7
12
Device and Documentation Support ................. 18
6.8
Switching Characteristics, CL = 5 pF ........................ 8
12.1
Documentation Support ........................................ 18
6.9
Switching Characteristics, CL = 10 pF ...................... 9
12.2
Community Resources.......................................... 18
6.10
Switching Characteristics, CL = 15 pF .................. 10
12.3
Trademarks ........................................................... 18
6.11
Switching Characteristics, CL = 30 pF .................. 11
12.4
Electrostatic Discharge Caution ............................ 18
6.12
Operating Characteristics...................................... 12
12.5
Glossary ................................................................ 18
6.13
Typical Characteristics .......................................... 12
13
Mechanical, Packaging, and Orderable
7
Parameter Measurement Information ............... 13
Information ........................................................... 18
7.1
Propagation Delays, Setup and Hold Times, and
Pulse Width)............................................................. 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (March 2010) to Revision D
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
2
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: SN74AUP1G74


Similar Part No. - SN74AUP1G74YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G74YZPR TI-SN74AUP1G74YZPR Datasheet
258Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74AUP1G74YZPR TI-SN74AUP1G74YZPR Datasheet
981Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results

Similar Description - SN74AUP1G74YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI1-SN74AUP1G79_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80_017 TI1-SN74AUP1G80_017 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com