Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSMF15P12 Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # KSMF15P12
Description  120V P-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSMF15P12 Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  KSMF15P12 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSMF15P12 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSMF15P12 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSMF15P12 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSMF15P12 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSMF15P12 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSMF15P12 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Typical Characteristics (Continued)
Figure 9-1. Maximum Safe Operating Area
for FQP15P12
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 9-2. Maximum Safe Operating Area
for FQPF15P12
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※ Notes :
1. V
GS = 0 V
2. I
D = -250
μ A
T
J, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
※ Notes :
1. V
GS = -10 V
2. I
D = -7.5 A
T
J, Junction Temperature [
o
C]
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
o
C
2. T
J = 175
o
C
3. Single Pulse
-V
DS, Drain-Source Voltage [V]
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
o
C
2. T
J = 175
o
C
3. Single Pulse
-V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
175
0
5
10
15
20
T
C
, Case Temperature [℃]
2014-6-21
www.kersemi.com
4
KSM15P12/KSMF15P12
KSM15P12/KSMF15P12


Similar Part No. - KSMF15P12

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMF15N65 KERSEMI-KSMF15N65 Datasheet
2Mb / 9P
   650V N-Channel MOSFET
More results

Similar Description - KSMF15P12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB15P12 FAIRCHILD-FQB15P12 Datasheet
652Kb / 9P
   120V P-Channel MOSFET
FQP15P12 FAIRCHILD-FQP15P12 Datasheet
852Kb / 10P
   120V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSS1206 GOOD-ARK-SSS1206 Datasheet
1Mb / 7P
   120V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB32N12V2 FAIRCHILD-FQB32N12V2 Datasheet
649Kb / 9P
   120V N-Channel MOSFET
FQP32N12V2 FAIRCHILD-FQP32N12V2 Datasheet
857Kb / 10P
   120V N-Channel MOSFET
logo
PFC Device Inc.
PRM010N12CT PFC-PRM010N12CT Datasheet
809Kb / 8P
   120V Single N-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com