Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G57YFPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G57YFPR
Description  Low-Power Configurable Multiple-Function Gate
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G57YFPR Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP1G57YFPR Datasheet HTML 1Page - Texas Instruments SN74AUP1G57YFPR Datasheet HTML 2Page - Texas Instruments SN74AUP1G57YFPR Datasheet HTML 3Page - Texas Instruments SN74AUP1G57YFPR Datasheet HTML 4Page - Texas Instruments SN74AUP1G57YFPR Datasheet HTML 5Page - Texas Instruments SN74AUP1G57YFPR Datasheet HTML 6Page - Texas Instruments SN74AUP1G57YFPR Datasheet HTML 7Page - Texas Instruments SN74AUP1G57YFPR Datasheet HTML 8Page - Texas Instruments SN74AUP1G57YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
3
1
6
In2
In1
In0
4
Y
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74AUP1G57
SCES503J – NOVEMBER 2003 – REVISED JUNE 2015
SN74AUP1G57 Low-Power Configurable Multiple-Function Gate
1
1 Features
Available in the Texas Instruments NanoStar™
3 Description
Packages
The SN74AUP1G57 device features configurable
multiple functions. The output state is determined by
Low Static-Power Consumption
eight patterns of 3-bit input. The user can choose the
(ICC = 0.9 μA Maximum)
logic functions AND, OR, NAND, NOR, XNOR,
Low Dynamic-Power Consumption
inverter, and noninverter. All inputs can be connected
(Cpd = 4.3 pF Typical at 3.3 V)
to VCC or GND.
Low Input Capacitance (Ci = 1.5 pF Typical)
Device Information(1)
Low Noise – Overshoot and Undershoot
PART NUMBER
PACKAGE
BODY SIZE (NOM)
<10% of VCC
SN74AUP1G57YFP
DSBGA (6)
1.16 x 0.76 mm
Ioff Supports Partial-Power-Down Mode Operation
SN74AUP1G57YZP
DSBGA (6)
1.388 x 0.888 mm
Includes Schmitt-Trigger Inputs
SN74AUP1G57DRY SON (6)
1.00 x 1.45 mm
Wide Operating VCC Range of 0.8 V to 3.6 V
SN74AUP1G57DSF
SON (6)
1.00 x 1.00 mm
Optimized for 3.3-V Operation
SN74AUP1G57DBV
SOT-23 (6)
2.80 x 2.90 mm
3.6-V I/O Tolerant to Support Mixed-Mode Signal
SN74AUP1G57DCK SC70 (6)
2.10 x 2.00 mm
Operation
SN74AUP1G57DRL
SOT (6)
1.60 x 1.60 mm
tpd = 5.3 ns Maximum at 3.3 V
(1) For all available packages, see the orderable addendum at
Suitable for Point-to-Point Applications
the end of the data sheet.
Latch-Up Performance Exceeds 100 mA Per
Functional Block Diagram (Positive Logic)
JESD 78, Class II
ESD Performance Tested Per JESD 22
2000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
2 Applications
Active Noise Cancellation (ANC)
Barcode Scanners
Blood Pressure Monitors
CPAP Machines
Cable Solutions
E-Books
Embedded PCs
Field Transmitter: Temperature or Pressure
Sensors
HVAC: Heating, Ventilating, and Air Conditioning
Network-Attached Storage (NAS)
Server Motherboard and PSU
Software Defined Radio (SDR)
TV: High-Definition (HDTV), LCD, and Digital
Video Communications Systems
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74AUP1G57YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G57YFPR TI-SN74AUP1G57YFPR Datasheet
547Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G57YFPR TI-SN74AUP1G57YFPR Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

Similar Description - SN74AUP1G57YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com