Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVC32T245 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74AVC32T245
Description  32-Bit Dual-Supply Bus Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC32T245 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AVC32T245_15 Datasheet HTML 5Page - Texas Instruments SN74AVC32T245_15 Datasheet HTML 6Page - Texas Instruments SN74AVC32T245_15 Datasheet HTML 7Page - Texas Instruments SN74AVC32T245_15 Datasheet HTML 8Page - Texas Instruments SN74AVC32T245_15 Datasheet HTML 9Page - Texas Instruments SN74AVC32T245_15 Datasheet HTML 10Page - Texas Instruments SN74AVC32T245_15 Datasheet HTML 11Page - Texas Instruments SN74AVC32T245_15 Datasheet HTML 12Page - Texas Instruments SN74AVC32T245_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
SN74AVC32T245
www.ti.com
SCES553F – MAY 2004 – REVISED JULY 2015
6.6 Switching Characteristics: VCCA = 1.2 V
over recommended operating free-air temperature range, VCCA = 1.2 V (see Figure 11)
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
tPLH
4.1
3.3
3
2.8
3.2
A
B
ns
tPHL
4.1
3.3
3
2.8
3.2
tPLH
4.4
4
3.8
3.6
3.5
B
A
ns
tPHL
4.4
4
3.8
3.6
3.5
tPZH
6.4
6.4
6.4
6.4
6.4
OE
A
ns
tPZL
6.4
6.4
6.4
6.4
6.4
tPZH
6
4.6
4
3.4
3.2
OE
B
ns
tPZL
6
4.6
4
3.4
3.2
tPHZ
6.6
6.6
6.6
6.6
6.8
OE
A
ns
tPLZ
6.6
6.6
6.6
6.6
6.8
tPHZ
6
4.9
4.9
4.2
5.3
OE
B
ns
tPLZ
6
4.9
4.9
4.2
5.3
6.7 Switching Characteristics: VCCA = 1.5 V ± 0.1 V
over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (see Figure 11)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
3.6
0.5
6.2
0.5
5.2
0.5
4.1
0.5
3.7
A
B
ns
tPHL
3.6
0.5
6.2
0.5
5.2
0.5
4.1
0.5
3.7
tPLH
3.3
0.5
6.2
0.5
5.9
0.5
5.6
0.5
5.5
B
A
ns
tPHL
3.3
0.5
6.2
0.5
5.9
0.5
5.6
0.5
5.5
tPZH
4.3
1
10.1
1
10.1
1
10.1
1
10.1
OE
A
ns
tPZL
4.3
1
10.1
1
10.1
1
10.1
1
10.1
tPZH
5.6
1
10.1
0.5
8.1
0.5
5.9
0.5
5.2
OE
B
ns
tPZL
5.6
1
10.1
0.5
8.1
0.5
5.9
0.5
5.2
tPHZ
4.5
1.5
9.1
1.5
9.1
1.5
9.1
1.5
9.1
OE
A
ns
tPLZ
4.5
1.5
9.1
1.5
9.1
1.5
9.1
1.5
9.1
tPHZ
5.5
1.5
8.7
1.5
7.5
1
6.5
1
6.3
OE
B
ns
tPLZ
5.5
1.5
8.7
1.5
7.5
1
6.5
1
6.3
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74AVC32T245


Similar Part No. - SN74AVC32T245_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC32T245GKE TI1-SN74AVC32T245GKE Datasheet
1Mb / 30P
[Old version datasheet]   SN74AVC32T245 32-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation, Level-Shifting, and Tri-State Outputs
SN74AVC32T245GKER TI-SN74AVC32T245GKER Datasheet
408Kb / 18P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC32T245GKER TI-SN74AVC32T245GKER Datasheet
400Kb / 17P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245GKER TI-SN74AVC32T245GKER Datasheet
649Kb / 20P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245GKER TI1-SN74AVC32T245GKER Datasheet
1Mb / 30P
[Old version datasheet]   SN74AVC32T245 32-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation, Level-Shifting, and Tri-State Outputs
More results

Similar Description - SN74AVC32T245_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVCH1T45 TI-SN74AVCH1T45 Datasheet
427Kb / 21P
[Old version datasheet]   SINGLE BIT DUAL SUPPLY BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com