Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVCH2T45 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AVCH2T45
Description  2-Supply, Bus Transceiver with Configurable Level-Shifting
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVCH2T45 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AVCH2T45_15 Datasheet HTML 2Page - Texas Instruments SN74AVCH2T45_15 Datasheet HTML 3Page - Texas Instruments SN74AVCH2T45_15 Datasheet HTML 4Page - Texas Instruments SN74AVCH2T45_15 Datasheet HTML 5Page - Texas Instruments SN74AVCH2T45_15 Datasheet HTML 6Page - Texas Instruments SN74AVCH2T45_15 Datasheet HTML 7Page - Texas Instruments SN74AVCH2T45_15 Datasheet HTML 8Page - Texas Instruments SN74AVCH2T45_15 Datasheet HTML 9Page - Texas Instruments SN74AVCH2T45_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
SN74AVCH2T45
SCES582H – JULY 2004 – REVISED APRIL 2015
www.ti.com
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
VCCI
(4)
VCCO
(5)
MIN
NOM
MAX
UNIT
VCCA
Supply voltage
1.2
3.6
V
VCCB
Supply voltage
1.2
3.6
V
1.2 V to 1.95 V
VCCI
(4) × 0.65
High-level
VIH
input
Data inputs(2)
1.95 V to 2.7 V
1.6
V
voltage
2.7 V to 3.6 V
2
1.2 V to 1.95 V
VCCI
(4) × 0.35
Low-level
VIL
input
Data inputs(2)
1.95 V to 2.7 V
0.7
V
voltage
2.7 V to 3.6 V
0.8
1.2 V to 1.95 V
VCCA × 0.65
High-level
DIR
VIH
input
(referenced to
1.95 V to 2.7 V
1.6
V
voltage
VCCA)
(3)
2.7 V to 3.6 V
2
1.2 V to 1.95 V
VCCA × 0.35
Low-level
DIR
VIL
input
(referenced to
1.95 V to 2.7 V
0.7
V
voltage
VCCA)
(3)
2.7 V to 3.6 V
0.8
VI
Input voltage
0
3.6
V
Active state
0
VCCO
(5)
Output
VO
V
voltage
3-state
0
3.6
1.2 V
–3
1.4 V to 1.6 V
–6
1.65 V to 1.95
IOH
High-level output current
–8
mA
V
2.3 V to 2.7 V
–9
3 V to 3.6 V
–12
1.2 V
3
1.4 V to 1.6 V
6
1.65 V to 1.95
IOL
Low-level output current
8
mA
V
2.3 V to 2.7 V
9
3 V to 3.6 V
12
Δt/Δv
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, SCBA004.
(2)
For VCCI values not specified in the data sheet, VIH min = VCCI × 0.7 V, VIL max = VCCI × 0.3 V.
(3)
For VCCI values not specified in the data sheet, VIH min = VCCA × 0.7 V, VIL max = VCCA × 0.3 V.
(4)
VCCI is the voltage associated with the input port supply VCCA or VCCB.
(5)
VCCO is the voltage associated with the output port supply VCCA or VCCB.
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74AVCH2T45


Similar Part No. - SN74AVCH2T45_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH2T45 TI1-SN74AVCH2T45_18 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs
More results

Similar Description - SN74AVCH2T45_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AXC2T45 TI1-SN74AXC2T45 Datasheet
291Kb / 26P
[Old version datasheet]   SN74AXC2T45 2-Bit Bus Transceiver with Configurable Level-Shifting
SN74LXC2T45 TI-SN74LXC2T45 Datasheet
1Mb / 32P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
REVISED OCTOBER 2021
SN74LXC1T45 TI-SN74LXC1T45_V01 Datasheet
2Mb / 37P
[Old version datasheet]   SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V01 Datasheet
1Mb / 36P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
OCTOBER 2021
SN74LXC1T45 TI-SN74LXC1T45 Datasheet
1Mb / 30P
[Old version datasheet]   SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V02 Datasheet
1Mb / 39P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
MAY 2022
logo
Pericom Semiconductor C...
PI74STX2G4245 PERICOM-PI74STX2G4245 Datasheet
443Kb / 8P
   2-Bit Level Shifting Buffer/Transceiver with Configurable Dual Supply VoltageDIRB243A2B176
logo
Texas Instruments
SN74LXC2T45-Q1 TI-SN74LXC2T45-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   SN74LXC2T45-Q1 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
JANUARY 2022
SN74AXCH2T45 TI1-SN74AXCH2T45 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AXCH2T45 2-Bit Bus Transceiver with Configurable Level-Shifting and Bus-Hold Inputs
SN74AVCH2T45 TI1-SN74AVCH2T45_18 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com