Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVCH4T245 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74AVCH4T245
Description  4-Bit Dual-Supply Bus Transceiver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVCH4T245 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AVCH4T245_15 Datasheet HTML 6Page - Texas Instruments SN74AVCH4T245_15 Datasheet HTML 7Page - Texas Instruments SN74AVCH4T245_15 Datasheet HTML 8Page - Texas Instruments SN74AVCH4T245_15 Datasheet HTML 9Page - Texas Instruments SN74AVCH4T245_15 Datasheet HTML 10Page - Texas Instruments SN74AVCH4T245_15 Datasheet HTML 11Page - Texas Instruments SN74AVCH4T245_15 Datasheet HTML 12Page - Texas Instruments SN74AVCH4T245_15 Datasheet HTML 13Page - Texas Instruments SN74AVCH4T245_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
SN74AVCH4T245
SCES577E – JUNE 2004 – REVISED NOVEMBER 2015
www.ti.com
7.7 Switching Characteristics, VCCA = 1.5 V ± 0.1 V
over recommended operating free-air temperature range (for parameter descriptions, see Figure 3)
FROM
TO
PARAMETER
VCCB
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
VCCB = 1.2 V
3.2
VCCB = 1.5 V ± 0.1 V
0.3
6.3
tPHL, tPLH
A
B
VCCB = 1.8 V ± 0.15 V
0.3
5.2
ns
VCCB = 2.5 V ± 0.2 V
0.4
4.2
VCCB = 3.3 V ± 0.3 V
0.4
4.2
VCCB = 1.2 V
3.3
VCCB = 1.5 V ± 0.1 V
0.7
6.3
tPLH, tPHL
B
A
VCCB = 1.8 V ± 0.15 V
0.5
6
ns
VCCB = 2.5 V ± 0.2 V
0.4
5.7
VCCB = 3.3 V ± 0.3 V
0.3
5.6
VCCB = 1.2 V
4.9
VCCB = 1.5 V ± 0.1 V
1.4
9.6
tPZH, tPZL
OE
A
VCCB = 1.8 V ± 0.15 V
1.1
9.5
ns
VCCB = 2.5 V ± 0.2 V
0.7
9.4
VCCB = 3.3 V ± 0.3 V
0.4
9.4
VCCB = 1.2 V
4.5
VCCB = 1.5 V ± 0.1 V
1.4
9.6
tPZH, tPZL
OE
B
VCCB = 1.8 V ± 0.15 V
1.1
7.7
ns
VCCB = 2.5 V ± 0.2 V
0.9
5.8
VCCB = 3.3 V ± 0.3 V
0.9
5.6
VCCB = 1.2 V
5.6
VCCB = 1.5 V ± 0.1 V
1.8
10.2
tPHZ, tPLZ
OE
A
VCCB = 1.8 V ± 0.15 V
1.5
10.2
ns
VCCB = 2.5 V ± 0.2 V
1.3
10.2
VCCB = 3.3 V ± 0.3 V
1.6
10.2
VCCB = 1.2 V
5.2
VCCB = 1.5 V ± 0.1 V
1.9
10.3
tPHZ, tPLZ
OE
B
VCCB = 1.8 V ± 0.15 V
1.9
9.1
ns
VCCB = 2.5 V ± 0.2 V
1.4
7.4
VCCB = 3.3 V ± 0.3 V
1.2
7.6
10
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74AVCH4T245


Similar Part No. - SN74AVCH4T245_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH4T245 TI-SN74AVCH4T245_10 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245_101 TI-SN74AVCH4T245_101 Datasheet
650Kb / 20P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI1-SN74AVCH4T245_18 Datasheet
1Mb / 38P
[Old version datasheet]   4-Bit Dual-Supply Bus Transceiver With Configurable Level-Shifting, Voltage Translation, and 3-State Outputs
More results

Similar Description - SN74AVCH4T245_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC32T245 TI1-SN74AVC32T245_15 Datasheet
1Mb / 29P
[Old version datasheet]   32-Bit Dual-Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com