Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVC16T245ZQLR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74AVC16T245ZQLR
Description  16-Bit Dual-Supply Bus Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC16T245ZQLR Datasheet(HTML) 4 Page - Texas Instruments

  SN74AVC16T245ZQLR Datasheet HTML 1Page - Texas Instruments SN74AVC16T245ZQLR Datasheet HTML 2Page - Texas Instruments SN74AVC16T245ZQLR Datasheet HTML 3Page - Texas Instruments SN74AVC16T245ZQLR Datasheet HTML 4Page - Texas Instruments SN74AVC16T245ZQLR Datasheet HTML 5Page - Texas Instruments SN74AVC16T245ZQLR Datasheet HTML 6Page - Texas Instruments SN74AVC16T245ZQLR Datasheet HTML 7Page - Texas Instruments SN74AVC16T245ZQLR Datasheet HTML 8Page - Texas Instruments SN74AVC16T245ZQLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1DIR
1B1
1B2
GND
1B3
1B4
VCCB
1B5
1B6
GND
1B7
1B8
2B1
2B2
GND
2B3
2B4
VCCB
2B5
2B6
GND
2B7
2B8
2DIR
1OE
1A1
1A2
GND
1A3
1A4
VCCA
1A5
1A6
GND
1A7
1A8
2A1
2A2
GND
2A3
2A4
VCCA
2A5
2A6
GND
2A7
2A8
2OE
J
H
G
F
E
D
C
B
A
2
1
3
4
6
5
K
SN74AVC16T245
SCES551E – FEBRUARY 2004 – REVISED NOVEMBER 2015
www.ti.com
6 Pin Configuration and Functions
GQL or ZQL Package
DGG or DGV Package
56-Pin BGA MICROSTAR JUNIOR
48-Pin TSSOP or TVSOP
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
TSSOP,
BGA
NAME
TVSOP
MICROSTAR
1DIR, 2DIR
1, 24
A1, K1
I
Direction-control signal
2, 3, 5, 6, 8, 9,
B2, B1, C2, C1,
1B1 to 1B8
I/O
Input/Output. Referenced to VCCB
11, 12
D2, D1, E2, E1
13, 14, 16, 17,
F1, F2, G1, G2,
2B1 to 2B8
I/O
Input/Output. Referenced to VCCB
19, 20, 22, 23
H1, H2, J1, J2
4, 10, 15, 21,
B3, D3, G3, J3,
GND
Ground
45, 39, 34, 28
J4, G4, D4, B4
VCCB
7, 18
C3, H3
B-port supply voltage. 1.2 V
≤ VCCB ≤ 3.6 V
Tri-State output-mode enables. Pull OE high to place all outputs in Tri-State
1OE, 2OE
48, 25
A6, K6
mode. Referenced to VCCA
47, 46, 44, 43,
B5, B6, C5, C6,
1A1 to 1A8
I/O
Input/Output. Referenced to VCCA
41, 40, 38, 37
D5, D6, E5, E6
36, 35, 33, 32,
F6, F5, G6, G5,
2A1 to 2A8
I/O
Input/Output. Referenced to VCCA
30, 29, 27, 26
H6, H5, J6, J5
VCCA
42, 31
C4, H4
A-port supply voltage. 1.2 V
≤ VCCB ≤ 3.6 V
A2, A3, A4, A5,
N.C.
No internal connection
K2, K3, K4, K5
4
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74AVC16T245


Similar Part No. - SN74AVC16T245ZQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16T245ZQLR TI-SN74AVC16T245ZQLR Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVC16T245ZQLR TI-SN74AVC16T245ZQLR Datasheet
467Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245ZQLR TI-SN74AVC16T245ZQLR Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245ZQLR TI-SN74AVC16T245ZQLR Datasheet
565Kb / 23P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245ZQLR TI1-SN74AVC16T245ZQLR Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver with Configurable Level-Shifting / Voltage Translation and Tri-State Outputs
More results

Similar Description - SN74AVC16T245ZQLR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVCH16T245 TI1-SN74LVCH16T245_15 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com