Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS292 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LS292
Description  Programmable Frequency Dividers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS292 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LS292_16 Datasheet HTML 1Page - Texas Instruments SN74LS292_16 Datasheet HTML 2Page - Texas Instruments SN74LS292_16 Datasheet HTML 3Page - Texas Instruments SN74LS292_16 Datasheet HTML 4Page - Texas Instruments SN74LS292_16 Datasheet HTML 5Page - Texas Instruments SN74LS292_16 Datasheet HTML 6Page - Texas Instruments SN74LS292_16 Datasheet HTML 7Page - Texas Instruments SN74LS292_16 Datasheet HTML 8Page - Texas Instruments SN74LS292_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
'LS292
1
4
CLK1
5
CLK2
n = 0
n = 1
fi
11
CLR
3
TP1
6
TP2
13
TP3
7
Q
10
A
i
n
f
2
é
ù
ê
ú
ë
û
1
B
15
C
14
D
2
E
0
4
0
n
31
é ù
ë û
R
i
o
n
f
f
2
é
ù
ê
ú
ë
û
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LS292, SN74LS294
SDLS153A – JANUARY 1981 – REVISED JANUARY 2016
SN74LS29x Programmable Frequency Dividers and Digital Timers
1 Features
3 Description
The
SN74LS29x
devices
are
programmable
1
Count Divider Chain
frequency dividers and digital timers contain 31 flip-
Digitally Programmable from 22 to 2n
flops plus 30 gates (in SN74LS292) or 15 flip-flops
(n = 31 for SN74LS292 , n = 15 for SN74LS294)
plus 29 gates (in SN74LS294) on a single chip. The
Useable Frequency Range from DC to 30 MHz
count modulo is under digital control of the inputs
provided.
Easily Expandable
Both types feature an active-low CLR clear input to
2 Applications
initialize the state of all flip-flops. To facilitate the
incoming inspection, test points are provided (TP1,
Frequency Division
TP2, and TP3 on the SN74LS292, and TP on the
Digital Timing
SN74LS294). These test points are not intended to
drive system loads. Both types feature two clock
inputs; either one may be used for clock gating (see
Table 1).
A brief look at the digital timing capabilities of the
SN74LS292
shows
that
with
a
1-MHz
input
frequency, programming for 210 gives a period of
1.024 ms, 220 gives a period of 1.05 sec, 226 gives a
period of 1.12 min, and 231 gives a period of 35.79
min.
These devices are easily cascadable, giving limitless
possibilities to achievable timing delays.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LS292N
PDIP (16)
6.35 mm × 19.30 mm
SN74LS294N
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Symbols
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LS292_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS292N TI-SN74LS292N Datasheet
296Kb / 8P
[Old version datasheet]   PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
SN74LS292N TI-SN74LS292N Datasheet
509Kb / 16P
[Old version datasheet]   PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
SN74LS292N3 TI-SN74LS292N3 Datasheet
509Kb / 16P
[Old version datasheet]   PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
SN74LS292NE4 TI-SN74LS292NE4 Datasheet
509Kb / 16P
[Old version datasheet]   PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
More results

Similar Description - SN74LS292_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS292 TI-SN54LS292_08 Datasheet
509Kb / 16P
[Old version datasheet]   PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
SN54LS292 TI-SN54LS292 Datasheet
296Kb / 8P
[Old version datasheet]   PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
74LS56P TI-74LS56P Datasheet
300Kb / 5P
[Old version datasheet]   FREQUENCY DIVIDERS
SN54LS56 TI-SN54LS56 Datasheet
265Kb / 10P
[Old version datasheet]   FREQUENCY DIVIDERS
logo
LSI Computer Systems
RED LSI-RED Datasheet
35Kb / 2P
   AC LINE FREQUENCY DIVIDERS
logo
Pasternack Enterprises,...
PE88D1000 PASTERNACK-PE88D1000 Datasheet
486Kb / 7P
   Frequency Dividers Technical Data Sheet
logo
Integrated Device Techn...
5P49V5907 IDT-5P49V5907 Datasheet
430Kb / 30P
   Programmable frequency
logo
Unisonic Technologies
UC3875LG-S08-R UTC-UC3875LG-S08-R Datasheet
332Kb / 11P
   Programmable frequency
logo
Maxim Integrated Produc...
MAX5430 MAXIM-MAX5430 Datasheet
186Kb / 7P
   /-15V Digitally Programmable Precision Voltage-Dividers for PGAs
Rev 1; 1/02
MAX16935EVKIT MAXIM-MAX16935EVKIT Datasheet
815Kb / 8P
   Programmable Switching Frequency
Rev 0; 1/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com