Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVCH4T245RSVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVCH4T245RSVR
Description  4-Bit Dual-Supply Bus Transceiver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVCH4T245RSVR Datasheet(HTML) 1 Page - Texas Instruments

  SN74AVCH4T245RSVR Datasheet HTML 1Page - Texas Instruments SN74AVCH4T245RSVR Datasheet HTML 2Page - Texas Instruments SN74AVCH4T245RSVR Datasheet HTML 3Page - Texas Instruments SN74AVCH4T245RSVR Datasheet HTML 4Page - Texas Instruments SN74AVCH4T245RSVR Datasheet HTML 5Page - Texas Instruments SN74AVCH4T245RSVR Datasheet HTML 6Page - Texas Instruments SN74AVCH4T245RSVR Datasheet HTML 7Page - Texas Instruments SN74AVCH4T245RSVR Datasheet HTML 8Page - Texas Instruments SN74AVCH4T245RSVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
DIR
OE
A1
A2
B1
B2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74AVCH4T245
SCES577E – JUNE 2004 – REVISED NOVEMBER 2015
SN74AVCH4T245 4-Bit Dual-Supply Bus Transceiver
With Configurable Level-Shifting, Voltage Translation, and 3-State Outputs
1 Features
3 Description
This 4-bit noninverting bus transceiver uses two
1
Control Inputs VIH/VIL Levels are Referenced to
separate configurable power-supply rails. The A port
VCCA Voltage
is designed to track VCCA. VCCA accepts any supply
Fully Configurable Dual-Rail Design Allows Each
voltage from 1.2 V to 3.6 V. The B port is designed to
Port to Operate Over the Full 1.2V to 3.6V Power-
track VCCB. VCCB accepts any supply voltage from 1.2
Supply Range
V to 3.6 V. The SN74AVCH4T245 is optimized to
operate with VCCA/VCCB set at 1.4 V to 3.6 V. It is
I/Os Are 4.6V Tolerant
operational with VCCA/VCCB as low as 1.2 V. This
Ioff Supports Partial Power-Down-Mode Operation
allows
for
universal
low
voltage
bidirectional
Bus Hold on Data Inputs Eliminates the Need for
translation between any of the 1.2V, 1.5V, 1.8V, 2.5V,
External pull-up/pull-down Resistors
and 3.3V voltage nodes.
Max Data Rates
The SN74AVCH4T245 is designed for asynchronous
380 Mbps (1.8 V to 3.3 V Translation)
communication between two data buses. The logic
levels of the direction-control (DIR) input and the
200 Mbps (<1.8 V to 3.3 V Translation)
output-enable (OE) input activate either the B-port
200 Mbps (Translate to 2.5 V or 1.8 V)
outputs or the A-port outputs or place both output
150 Mbps (Translate to 1.5 V)
ports into the high-impedance mode. The device
transmits data from the A bus to the B bus when the
100 Mbps (Translate to 1.2 V)
B-port outputs are activated, and from the B bus to
Latch-Up Performance Exceeds 100 mA Per
the A bus when the A-port outputs are activated. The
JESD 78, Class II
input circuitry on both A and B ports is always active
ESD Protection Exceeds JESD 22
and must have a logic HIGH or LOW level applied to
prevent excess ICC and ICCZ.
8000 V Human Body Model (A114-A)
200 V Machine Model (A115-A)
The SN74AVCH4T245 device control pins (1DIR,
2DIR, 1OE, and 2OE) are supplied by VCCA.
1000 V Charged-Device Model (C101)
This device is fully specified for partial-power-down
2 Applications
applications using Ioff. The Ioff circuitry disables the
outputs,
preventing
damaging
current
backflow
Personal Electronics
through the device when it is powered down.
Industrial
Enterprise
Device Information(1)
Telecom
PART NUMBER
PACKAGE
BODY SIZE (NOM)
UQFN (16)
1.80 mm × 2.60 mm
Logic Diagram (Positive Logic) for 1/2 of
VQFN (16)
3.50 mm × 4.00 mm
AVCH4T245
SN74AVCH4T245
TVSOP (16)
4.40 mm × 3.60 mm
TSSOP (16)
4.40 mm × 5.00 mm
SOIC (16)
3.91 mm × 9.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74AVCH4T245RSVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH4T245RSVR TI-SN74AVCH4T245RSVR Datasheet
881Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245RSVR TI-SN74AVCH4T245RSVR Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245RSVR TI-SN74AVCH4T245RSVR Datasheet
650Kb / 20P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245RSVR TI1-SN74AVCH4T245RSVR Datasheet
1Mb / 38P
[Old version datasheet]   4-Bit Dual-Supply Bus Transceiver With Configurable Level-Shifting, Voltage Translation, and 3-State Outputs
More results

Similar Description - SN74AVCH4T245RSVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC32T245 TI1-SN74AVC32T245_15 Datasheet
1Mb / 29P
[Old version datasheet]   32-Bit Dual-Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com