Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV244ADBRE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV244ADBRE4
Description  Octal Buffers and Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV244ADBRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV244ADBRE4 Datasheet HTML 1Page - Texas Instruments SN74LV244ADBRE4 Datasheet HTML 2Page - Texas Instruments SN74LV244ADBRE4 Datasheet HTML 3Page - Texas Instruments SN74LV244ADBRE4 Datasheet HTML 4Page - Texas Instruments SN74LV244ADBRE4 Datasheet HTML 5Page - Texas Instruments SN74LV244ADBRE4 Datasheet HTML 6Page - Texas Instruments SN74LV244ADBRE4 Datasheet HTML 7Page - Texas Instruments SN74LV244ADBRE4 Datasheet HTML 8Page - Texas Instruments SN74LV244ADBRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
2
18
1Y1
1OE
1A1
4
16
1Y2
1A2
6
14
1Y3
1A3
8
12
1Y4
1A4
19
11
9
2Y1
2OE
2A1
13
7
2Y2
2A2
15
5
2Y3
2A3
17
3
2Y4
2A4
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
SN74LV244A
SCLS383N – SEPTEMBER 1997 – REVISED OCTOBER 2015
SN74LV244A Octal Buffers and Drivers With 3-State Outputs
1 Features
2 Applications
1
2-V to 5.5-V VCC Operation
Servers and Network Switches
Max tpd of 6.5 ns at 5 V
LED Displays
Typical VOLP (Output Ground Bounce)
Telecom Infrastructure
<0.8 V at VCC = 3.3 V, TA = 25°C
Motor-Drive Control Boards
Typical VOHV (Output VOH Undershoot)
3 Description
>2.3 V at VCC = 3.3 V, TA = 25°C
The SN74LV244A octal buffers and line drivers are
Support Mixed-Mode Voltage Operation on All
designed for 2-V to 5.5-V VCC operation.
Ports
The SN74LV244A devices are designed specifically
Ioff Supports Partial-Power-Down Mode Operation
to improve both performance and density of the 3-
Latch-Up Performance Exceeds 250-mA Per
state memory address drivers, clock drivers, and bus-
JESD 17
oriented receivers and transmitters. These devices
ESD Protection Exceeds JESD 22
are organized as two 4-bit line drivers with separate
output-enable (OE) inputs.
2000-V Human-Body Model (A114-A)
200-V Machine Model (A115-A)
Device Information
1000-V Charged-Device Model (C101)
PART NUMBER
PACKAGE (PIN)
BODY SIZE
SN74LV244ADGV
TVSOP (20)
5.00 mm × 4.40 mm
SN74LV244ADW
SOIC (20)
12.80 mm × 7.50 mm
SN74LV244ANS
SOP (20)
12.60 mm × 5.30 mm
SN74LV244APW
TSSOP (20)
6.50 mm × 4.40 mm
SN74LV244ARGY
VQFN (20)
4.50 mm × 3.50 mm
Logic Diagram (Positive Logic)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LV244ADBRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV244ADBRE4 TI-SN74LV244ADBRE4 Datasheet
436Kb / 16P
[Old version datasheet]   OCTAL BUFFERS /DRIVERS WITH 3 STATE OUTPUTS
SN74LV244ADBRE4 TI-SN74LV244ADBRE4 Datasheet
697Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV244ADBRE4 TI-SN74LV244ADBRE4 Datasheet
710Kb / 20P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV244ADBRE4 TI-SN74LV244ADBRE4 Datasheet
2Mb / 40P
[Old version datasheet]   SN74LV244A Octal Buffers and Drivers With 3-State Outputs
REVISED DECEMBER 2022
SN74LV244ADBRE4 TI-SN74LV244ADBRE4 Datasheet
2Mb / 44P
[Old version datasheet]   SN74LV244A Octal Buffers and Drivers With 3-State Outputs
REVISED DECEMBER 2022
More results

Similar Description - SN74LV244ADBRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVCH244A TI-SN54LVCH244A_07 Datasheet
665Kb / 23P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS OCTAL BUFFERS/DRIVERS
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54ALS244C TI1-SN54ALS244C_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI1-SN54HC240_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI-SN54HC240_07 Datasheet
682Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC240 UTC-U74HC240_17 Datasheet
254Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
U74HC541 UTC-U74HC541_17 Datasheet
258Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com