Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER06LN Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER06LN
Description  Fixed-frequency VIPer plus family
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER06LN Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER06LN Datasheet HTML 1Page - STMicroelectronics VIPER06LN Datasheet HTML 2Page - STMicroelectronics VIPER06LN Datasheet HTML 3Page - STMicroelectronics VIPER06LN Datasheet HTML 4Page - STMicroelectronics VIPER06LN Datasheet HTML 5Page - STMicroelectronics VIPER06LN Datasheet HTML 6Page - STMicroelectronics VIPER06LN Datasheet HTML 7Page - STMicroelectronics VIPER06LN Datasheet HTML 8Page - STMicroelectronics VIPER06LN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
This is information on a product in full production.
March 2012
Doc ID 022794 Rev 1
1/28
28
VIPER06
Fixed-frequency VIPer™ plus family
Datasheet — production data
Features
800 V avalanche rugged power section
PWM operation with frequency jittering for low
EMI
Operating frequency:
– 30 kHz for VIPER06Xx
– 60 kHz for VIPER06Lx
– 115 kHz for VIPER06Hx
No need for an auxiliary winding in low-power
applications
Standby power < 30 mW at 265 VAC
Limiting current with adjustable set point
On-board soft-start
Safe auto-restart after a fault condition
Hysteretic thermal shutdown
Applications
Replacement of capacitive power supplies
Home appliances
Power metering
LED drivers
Description
The VIPER06 is an offline converter with an 800 V
avalanche rugged power section, a PWM
controller, a user-defined overcurrent limit, open-
loop failure protection, hysteretic thermal
protection, soft startup and safe auto-restart after
any fault condition. The device is able to power
itself directly from the rectified mains, eliminating
the need for an auxiliary bias winding. Advanced
frequency jittering reduces EMI filter cost. Burst
mode operation and the device’s very low power
consumption both help to meet the standards set
by energy-saving regulations.
Figure 1.
Typical application
DIP-7
SSO10
www.st.com


Similar Part No. - VIPER06LN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER06LN STMICROELECTRONICS-VIPER06LN Datasheet
999Kb / 28P
   Fixed-frequency VIPer plus family
More results

Similar Description - VIPER06LN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER16 STMICROELECTRONICS-VIPER16 Datasheet
1Mb / 30P
   Fixed frequency VIPer??plus family
June 2014 Rev 7
VIPER06LSTR STMICROELECTRONICS-VIPER06LSTR Datasheet
999Kb / 28P
   Fixed-frequency VIPer plus family
STEVAL-ISA137V1 STMICROELECTRONICS-STEVAL-ISA137V1 Datasheet
152Kb / 4P
   Demonstration board based on VIPer06 from the fixed-frequency VIPer??plus family
June 2013 Rev 1
VIPER26 STMICROELECTRONICS-VIPER26 Datasheet
815Kb / 25P
   Fixed frequency VIPerTM plus family
VIPER16LDTR STMICROELECTRONICS-VIPER16LDTR Datasheet
752Kb / 25P
   Fixed frequency VIPerTM plus family
VIPER16LN STMICROELECTRONICS-VIPER16LN Datasheet
752Kb / 25P
   Fixed frequency VIPerTM plus family
VIPER37HE STMICROELECTRONICS-VIPER37HE Datasheet
2Mb / 35P
   VIPerPlus family: fixed frequency offline converter
STEVAL-ISA177V1 STMICROELECTRONICS-STEVAL-ISA177V1 Datasheet
273Kb / 4P
   5 V, 0.85 A flyback converter using VIPer??Plus ??VIPer01
September 2016 Rev 2
STEVAL-ISA136V1 STMICROELECTRONICS-STEVAL-ISA136V1 Datasheet
253Kb / 4P
   3W, 5V output, isolated flyback converter using VIPer??Plus - VIPER06HN
May 2014 Rev 2
logo
Integrated Circuit Syst...
ICS9159-05 ICST-ICS9159-05 Datasheet
228Kb / 7P
   Frequency Generator for Pentium??OPTi VIPER Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com