Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV125ANE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LV125ANE4
Description  Quadruple Bus Buffer Gates
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV125ANE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LV125ANE4 Datasheet HTML 3Page - Texas Instruments SN74LV125ANE4 Datasheet HTML 4Page - Texas Instruments SN74LV125ANE4 Datasheet HTML 5Page - Texas Instruments SN74LV125ANE4 Datasheet HTML 6Page - Texas Instruments SN74LV125ANE4 Datasheet HTML 7Page - Texas Instruments SN74LV125ANE4 Datasheet HTML 8Page - Texas Instruments SN74LV125ANE4 Datasheet HTML 9Page - Texas Instruments SN74LV125ANE4 Datasheet HTML 10Page - Texas Instruments SN74LV125ANE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Temperature (qC)
-100
-50
0
50
100
150
0
1
2
3
4
5
6
7
D001
TPD in ns
VCC
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
8
D002
TPD in ns
7
SN74LV125A
www.ti.com
SCES124N – DECEMBER 1997 – REVISED JANUARY 2016
Product Folder Links: SN74LV125A
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
7.8 Switching Characteristics, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
TA = 25°C
–40°C to 85°C
–40°C to 125°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
CL = 15 pF
3.4(1)
5.5(1)
1
6.5
1
7.5
ns
ten
OE
Y
3.4(1)
5.1(1)
1
6
1
7
tdis
OE
Y
3.2(1)
6.8(1)
1
8
1
9
tpd
A
Y
CL = 50 pF
4.3
7.5
1
8.5
1
9.5
ns
ten
OE
Y
4.4
7.1
1
8
1
9
tdis
OE
Y
4
8.8
1
10
1
11
tsk(o)
1
1
1
(1)
Characteristics are for surface-mount packages only.
7.9 Noise Characteristics
(1)
VCC = 3.3 V, CL = 50 pF, TA = 25°C
PARAMETER
SN74LV125A
UNIT
MIN
TYP
MAX
VOL(P)
Quiet output, maximum dynamic VOL
0.4
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.3
–0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
3
V
VIH(D)
High-level dynamic input voltage
2.31
V
VIL(D)
Low-level dynamic input voltage
0.99
V
7.10 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
Outputs enabled
CL = 50 pF,
f = 10 MHz
3.3 V
15.5
pF
5 V
17.6
7.11 Typical Characteristics
Figure 1. TPD vs Temperature
Figure 2. TPD vs VCC at 25°C


Similar Part No. - SN74LV125ANE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV125ANE4 TI-SN74LV125ANE4 Datasheet
129Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV125ANE4 TI-SN74LV125ANE4 Datasheet
806Kb / 19P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES
SN74LV125ANE4 TI-SN74LV125ANE4 Datasheet
779Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV125ANE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT126 TI-SN54AHCT126_03 Datasheet
376Kb / 15P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
logo
Hitachi Semiconductor
HA74LS126A HITACHI-HA74LS126A Datasheet
49Kb / 6P
   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHCT125 UTC-U74AHCT125_15 Datasheet
238Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74AHC126 UTC-U74AHC126_15 Datasheet
254Kb / 5P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54LV125A TI-SN54LV125A_07 Datasheet
806Kb / 19P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES
logo
Unisonic Technologies
U74LVC126A UTC-U74LVC126A_15 Datasheet
242Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54HC125 TI1-SN54HC125_15 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125_15 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74HCT125 UTC-U74HCT125_15 Datasheet
185Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com