Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV8154PWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV8154PWR
Description  Dual 16-Bit Binary Counters With 3-State Output Registers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV8154PWR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LV8154PWR Datasheet HTML 1Page - Texas Instruments SN74LV8154PWR Datasheet HTML 2Page - Texas Instruments SN74LV8154PWR Datasheet HTML 3Page - Texas Instruments SN74LV8154PWR Datasheet HTML 4Page - Texas Instruments SN74LV8154PWR Datasheet HTML 5Page - Texas Instruments SN74LV8154PWR Datasheet HTML 6Page - Texas Instruments SN74LV8154PWR Datasheet HTML 7Page - Texas Instruments SN74LV8154PWR Datasheet HTML 8Page - Texas Instruments SN74LV8154PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SN74LV8154
SCLS589A – AUGUST 2004 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
8.1
Overview ................................................................... 9
1
Features .................................................................. 1
8.2
Functional Block Diagram ......................................... 9
2
Applications ........................................................... 1
8.3
Feature Description................................................... 9
3
Description ............................................................. 1
8.4
Device Functional Modes........................................ 10
4
Revision History..................................................... 2
9
Application and Implementation ........................ 11
5
Pin Configuration and Functions ......................... 3
9.1
Application Information............................................ 11
6
Specifications......................................................... 4
9.2
Typical Application ................................................. 11
6.1
Absolute Maximum Ratings ...................................... 4
10
Power Supply Recommendations ..................... 13
6.2
ESD Ratings.............................................................. 4
11
Layout................................................................... 13
6.3
Recommended Operating Conditions ....................... 4
11.1
Layout Guidelines ................................................. 13
6.4
Thermal Information .................................................. 5
11.2
Layout Example .................................................... 13
6.5
Electrical Characteristics........................................... 5
12
Device and Documentation Support ................. 14
6.6
Timing Requirements ................................................ 5
12.1
Documentation Support ........................................ 14
6.7
Switching Characteristics - VCC = 3.3 V ± 0.3 V ....... 6
12.2
Community Resources.......................................... 14
6.8
Switching Characteristics VCC = 5 V ± 0.5 V............. 6
12.3
Trademarks ........................................................... 14
6.9
Noise Characteristics ................................................ 6
12.4
Electrostatic Discharge Caution ............................ 14
6.10
Typical Characteristics ............................................ 7
12.5
Glossary ................................................................ 14
7
Parameter Measurement Information .................. 8
13
Mechanical, Packaging, and Orderable
8
Detailed Description .............................................. 9
Information ........................................................... 14
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (August 2004) to Revision A
Page
Added Pin Configuration and Functions section, Storage Conditions table, ESD Ratings table, Feature Description
section, Device Functional Modes, Application and Implementation section, Power Supply Recommendations
section, Layout section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable
Information section ................................................................................................................................................................ 1
Removed Ordering Information table ..................................................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74LV8154


Similar Part No. - SN74LV8154PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8154PWR TI-SN74LV8154PWR Datasheet
254Kb / 11P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3 STATE OUTPUT REGISTERS
SN74LV8154PWR TI-SN74LV8154PWR Datasheet
267Kb / 12P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154PWR TI-SN74LV8154PWR Datasheet
439Kb / 15P
[Old version datasheet]   DUAL 16-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154PWRE4 TI-SN74LV8154PWRE4 Datasheet
267Kb / 12P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154PWRE4 TI-SN74LV8154PWRE4 Datasheet
439Kb / 15P
[Old version datasheet]   DUAL 16-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
More results

Similar Description - SN74LV8154PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8154 TI-SN74LV8154 Datasheet
254Kb / 11P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3 STATE OUTPUT REGISTERS
SN74LV8154 TI-SN74LV8154_07 Datasheet
267Kb / 12P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154 TI-SN74LV8154_09 Datasheet
439Kb / 15P
[Old version datasheet]   DUAL 16-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A_07 Datasheet
725Kb / 21P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A Datasheet
584Kb / 19P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A_08 Datasheet
865Kb / 22P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154-EP TI1-SN74LV8154-EP Datasheet
562Kb / 15P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTER WITH 3-STATE OUTPUT REGISTERS
SN54LS592 TI-SN54LS592 Datasheet
827Kb / 20P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH INTPUT REGISTERS
SN54LS592 TI-SN54LS592_1 Datasheet
1Mb / 30P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH INPUT REGISTERS
SN74LS592 TI-SN74LS592 Datasheet
827Kb / 20P
[Old version datasheet]   8 BIT BINARY COUNTERS WITH INPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com