Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G11DCKR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G11DCKR
Description  Single 3-Input Positive-AND Gate
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G11DCKR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC1G11DCKR Datasheet HTML 6Page - Texas Instruments SN74LVC1G11DCKR Datasheet HTML 7Page - Texas Instruments SN74LVC1G11DCKR Datasheet HTML 8Page - Texas Instruments SN74LVC1G11DCKR Datasheet HTML 9Page - Texas Instruments SN74LVC1G11DCKR Datasheet HTML 10Page - Texas Instruments SN74LVC1G11DCKR Datasheet HTML 11Page - Texas Instruments SN74LVC1G11DCKR Datasheet HTML 12Page - Texas Instruments SN74LVC1G11DCKR Datasheet HTML 13Page - Texas Instruments SN74LVC1G11DCKR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
A
C
Y
B
SN74LVC1G11
SCES487G – SEPTEMBER 2003 – REVISED DECEMBER 2015
www.ti.com
8 Detailed Description
8.1 Overview
This 3-input AND gate is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G11 device features a three-input AND gate. The output state is determined by eight patterns of
3-bit input. All inputs can be connected to VCC or GND.
This device is fully-specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
8.2 Functional Block Diagram
8.3 Feature Description
The SN74LVC1G11 device has a wide operating VCC range of 1.65 V to 5.5 V, which allows use in a broad
range of systems. The 5.5-V I/Os allow down translation and also allow voltages at the inputs when VCC = 0 V.
8.4 Device Functional Modes
Table 1 lists the functional modes of SN74LVC1G11.
Table 1. Function Table
INPUTS
OUTPUT
Y
A
B
C
H
H
H
H
L
X
X
L
X
L
X
L
X
X
L
L
10
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G11


Similar Part No. - SN74LVC1G11DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G11DCKR TI-SN74LVC1G11DCKR Datasheet
253Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE AND GATE
SN74LVC1G11DCKR TI-SN74LVC1G11DCKR Datasheet
392Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
SN74LVC1G11DCKR TI-SN74LVC1G11DCKR Datasheet
614Kb / 14P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
SN74LVC1G11DCKRE4 TI-SN74LVC1G11DCKRE4 Datasheet
392Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
SN74LVC1G11DCKRE4 TI-SN74LVC1G11DCKRE4 Datasheet
614Kb / 14P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
More results

Similar Description - SN74LVC1G11DCKR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11-EP TI1-SN74LVC1G11-EP_16 Datasheet
838Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11-EP TI-SN74LVC1G11-EP Datasheet
532Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11-Q1 TI1-SN74LVC1G11-Q1 Datasheet
321Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVC1G11_1107 DIODES-74LVC1G11_1107 Datasheet
309Kb / 13P
   SINGLE 3 INPUT POSITIVE AND GATE
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11 Datasheet
188Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11 TI-SN74LVC1G11 Datasheet
253Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE AND GATE
logo
Diodes Incorporated
74LVC1G11 DIODES-74LVC1G11 Datasheet
256Kb / 13P
   SINGLE 3 INPUT POSITIVE AND GATE
DS35122 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G11 TI-SN74LVC1G11_10 Datasheet
614Kb / 14P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
SN74LVC1G11 TI-SN74LVC1G11_07 Datasheet
392Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com