Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G06DCKT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G06DCKT
Description  Single Inverter Buffer/Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G06DCKT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G06DCKT Datasheet HTML 1Page - Texas Instruments SN74LVC1G06DCKT Datasheet HTML 2Page - Texas Instruments SN74LVC1G06DCKT Datasheet HTML 3Page - Texas Instruments SN74LVC1G06DCKT Datasheet HTML 4Page - Texas Instruments SN74LVC1G06DCKT Datasheet HTML 5Page - Texas Instruments SN74LVC1G06DCKT Datasheet HTML 6Page - Texas Instruments SN74LVC1G06DCKT Datasheet HTML 7Page - Texas Instruments SN74LVC1G06DCKT Datasheet HTML 8Page - Texas Instruments SN74LVC1G06DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
A
Y
1
3
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
SN74LVC1G06
SCES295X – JUNE 2000 – REVISED AUGUST 2015
SN74LVC1G06 Single Inverter Buffer/Driver With Open-Drain Output
1 Features
3 Description
This single inverter buffer and driver is designed for
1
Available in the Texas Instruments
1.65-V to 5.5-V VCC operation.
NanoFree™ Package
NanoFree
package
technology
is
a
major
Supports 5-V VCC Operation
breakthrough in IC packaging concepts, using the die
Input and Open-Drain Output Accept
as the package.
Voltages up to 5.5 V
The output of the SN74LVC1G06 device is open-
Maximum tpd of 4.5 ns at 3.3 V at 125°C
drain and can be connected to other open-drain
Low Power Consumption, 10-µA Maximum ICC
outputs to implement active-low wired-OR or active-
±24-mA Output Drive at 3.3 V for open-drain
high wired-AND functions. The maximum sink current
devices
is 32 mA.
Ioff Supports Live Insertion, Partial-Power-Down
This device is fully specified for partial-power-down
Mode, and Back-Drive Protection
applications using Ioff.The Ioff circuitry disables the
outputs,
preventing
damaging
current
backflow
Latch-Up Performance Exceeds 100 mA Per
through the device when it is powered down.
JESD 78, Class II
Can Be Used For Up or Down Translation
Device Information
Schmitt Trigger Action on All Ports
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ESD Protection Exceeds JESD 22
SOT-23 (5)
2.90 mm × 1.60 mm
2000-V Human Body Model (A114-A)
SC70 (5)
2.00 mm × 1.25 mm
200-V Machine Model (A115-A)
SOT (5)
1.60 mm × 1.20 mm
1000-V Charged-Device Model (C101)
SN74LVC1G06
USON (6)
1.45 mm × 1.00 mm
X2SON (6)
1.00 mm x 1.00 mm
2 Applications
1.40 mm × 0.90 mm
DSBGA (5)
0.90 mm × 0.90 mm
AV Receivers
Blu-ray Players and Home Theaters
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
DVD Recorders and Players
Desktop or Notebook PCs
Logic Diagram (Positive Logic)
Digital Radio or Internet Radio Players
Digital Video Cameras (DVC)
Embedded PCs
GPS: Personal Navigation Devices
Mobile Internet Devices
Network Projector Front-Ends
Portable Media Players
Pro Audio Mixers
Smoke Detectors
Solid State Drive (SSD): Enterprise
High-Definition (HDTV)
Tablets: Enterprise
Audio Docks: Portable
DLP Front Projection Systems
DVR and DVS
Digital Picture Frame (DPF)
Digital Still Cameras
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC1G06DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G06DCKT TI-SN74LVC1G06DCKT Datasheet
306Kb / 12P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06DCKT TI-SN74LVC1G06DCKT Datasheet
674Kb / 17P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06DCKT TI1-SN74LVC1G06DCKT Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06DCKT TI1-SN74LVC1G06DCKT Datasheet
1Mb / 41P
[Old version datasheet]   Single Inverter Buffer/Driver With Open-Drain Output
SN74LVC1G06DCKTE4 TI1-SN74LVC1G06DCKTE4 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results

Similar Description - SN74LVC1G06DCKT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06_15 Datasheet
214Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G07 UTC-U74AUP1G07_15 Datasheet
217Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G14 UTC-U74AUP1G14_15 Datasheet
186Kb / 6P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER
logo
Renesas Technology Corp
HD74ALVC1G06 RENESAS-HD74ALVC1G06 Datasheet
76Kb / 7P
   Single Inverter Buffer / Driver with Open Drain
HD74ALVC1G06 RENESAS-HD74ALVC1G06_15 Datasheet
109Kb / 9P
   Single Inverter Buffer / Driver with Open Drain
HD74ALVC1G04 RENESAS-HD74ALVC1G04_15 Datasheet
104Kb / 12P
   Single Inverter Buffer
HD74ALVC1G04 RENESAS-HD74ALVC1G04 Datasheet
80Kb / 10P
   Single Inverter Buffer
logo
Diodes Incorporated
74LVCE1G06 DIODES-74LVCE1G06 Datasheet
220Kb / 10P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G06 TI-SN74AUC1G06 Datasheet
332Kb / 13P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06-EP TI-SN74LVC1G06-EP Datasheet
142Kb / 7P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com