Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEF22554E Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # PEF22554E
Description  Quad E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF22554E Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button PEF22554E Datasheet HTML 5Page - Infineon Technologies AG PEF22554E Datasheet HTML 6Page - Infineon Technologies AG PEF22554E Datasheet HTML 7Page - Infineon Technologies AG PEF22554E Datasheet HTML 8Page - Infineon Technologies AG PEF22554E Datasheet HTML 9Page - Infineon Technologies AG PEF22554E Datasheet HTML 10Page - Infineon Technologies AG PEF22554E Datasheet HTML 11Page - Infineon Technologies AG PEF22554E Datasheet HTML 12Page - Infineon Technologies AG PEF22554E Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
QuadFALC®
PEF 22554
Overview
Delta Sheet
9/30
2002-09-16
A6
138
RL1.2
I (analog)
Line Receiver 1, Channel 2
P6
43
RL1.3
I (analog)
Line Receiver 1, Channel 3
P9
66
RL1.4
I (analog)
Line Receiver 1, Channel 4
A8
116
RL2.1
I (analog)
Line Receiver 2, Channel 1
A7
137
RL2.2
I (analog)
Line Receiver 2, Channel 2
P7
44
RL2.3
I (analog)
Line Receiver 2, Channel 3
P8
65
RL2.4
I (analog)
Line Receiver 2, Channel 4
A13
109
XL1.1
O (analog) Transmit Line 1, Channel 1
A2
144
XL1.2
O (analog) Transmit Line 1, Channel 2
P2
37
XL1.3
O (analog) Transmit Line 1, Channel 3
P13
72
XL1.4
O (analog) Transmit Line 1, Channel 4
A12
111
XL2.1
O (analog) Transmit Line 2, Channel 1
A3
142
XL2.2
O (analog) Transmit Line 2, Channel 2
P3
39
XL2.3
O (analog) Transmit Line 2, Channel 3
P12
70
XL2.4
O (analog) Transmit Line 2, Channel 4
B4
133
MCLK
I
Master Clock
N6
48
SYNC
I + PU
Clock Synchronization of DCO-R
L10
69
SEC/FSC
I/O + PU
One-Second Timer Input
One-Second Timer Output
8 kHz Frame Synchronization Output
D10
119
RCLK1
O + PU
Receive Clock, Channel 1
D7
130
RCLK2
O + PU
Receive Clock, Channel 2
L5
47
RCLK3
O + PU
Receive Clock, Channel 3
N9
61
RCLK4
O + PU
Receive Clock, Channel 4
E1
9
RDO1
O
Receive Data Out, Channel 1
F1
12
RDO2
O
Receive Data Out, Channel 2
K1
27
RDO3
O
Receive Data Out, Channel 3
K4
30
RDO4
O
Receive Data Out, Channel 4
E2
8
SCLKR1
I/O + PU
System Clock Receive, Ch. 1
Table 2
BGA Pin Assignment (cont’d)
Ball No.
BGA
Pin No.
TQFP
Symbol
Input(I)
Output(O)
Supply(S)
Function


Similar Part No. - PEF22554E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEF22554E INFINEON-PEF22554E Datasheet
324Kb / 18P
   Quad E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
V 2.1 2003-07-02
PEF22554EV3.1 INFINEON-PEF22554EV3.1 Datasheet
366Kb / 2P
   Four - channel E1 / T1 / J1 Frame randLine
More results

Similar Description - PEF22554E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEF22554HT INFINEON-PEF22554HT Datasheet
324Kb / 18P
   Quad E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
V 2.1 2003-07-02
PEB2256 INFINEON-PEB2256 Datasheet
5Mb / 490P
   E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
DS 3, Aug. 2002
PEB2255 INFINEON-PEB2255 Datasheet
4Mb / 374P
   E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
DS 1, July 2000
PEF2256HV2.2 INFINEON-PEF2256HV2.2 Datasheet
5Mb / 518P
   E1/T1/J1 Framer and Line Interface Component for Long- and Short-Haul Applications
DS1.1, Oct. 2003
PEF2256H INFINEON-PEF2256H Datasheet
6Mb / 518P
   E1/T1/J1 Framer and Line Interface Component for Long- and Short-Haul Applications
Version 2.1 Oct. 2003
PEF22504E INFINEON-PEF22504E Datasheet
7Mb / 255P
   Quad E1/T1/J1 Line Interface Component for Long- and Short-Haul Applications
Rev. 1.3, Jan. 2006
PEF22508E INFINEON-PEF22508E Datasheet
10Mb / 193P
   Octal E1/T1/J1 Line Interface Component for Long- and Short-Haul Applications
Rev. 1.0, June 2005
logo
Integrated Device Techn...
IDT82V2084 IDT-IDT82V2084 Datasheet
1Mb / 75P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2084 RENESAS-IDT82V2084 Datasheet
1Mb / 76P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
February 11, 2009
logo
Infineon Technologies A...
PEF22552 INFINEON-PEF22552 Datasheet
298Kb / 2P
   Two-channel E1/T1/J1 Framer and Line Interface Component
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com