Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV125ARGYRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV125ARGYRG4
Description  Quadruple Bus Buffer Gates
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV125ARGYRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LV125ARGYRG4 Datasheet HTML 1Page - Texas Instruments SN74LV125ARGYRG4 Datasheet HTML 2Page - Texas Instruments SN74LV125ARGYRG4 Datasheet HTML 3Page - Texas Instruments SN74LV125ARGYRG4 Datasheet HTML 4Page - Texas Instruments SN74LV125ARGYRG4 Datasheet HTML 5Page - Texas Instruments SN74LV125ARGYRG4 Datasheet HTML 6Page - Texas Instruments SN74LV125ARGYRG4 Datasheet HTML 7Page - Texas Instruments SN74LV125ARGYRG4 Datasheet HTML 8Page - Texas Instruments SN74LV125ARGYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OE
1A
1Y
2OE
2A
2Y
GND
VCC
4OE
4A
4Y
3OE
3A
3Y
SN74LV125A . . . D, DB, DGV, N, NS,
OR PW PACKAGE
(TOP VIEW)
SN74LV125A . . . RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
4OE
4A
4Y
3OE
3A
1A
1Y
2OE
2A
2Y
3
SN74LV125A
www.ti.com
SCES124N – DECEMBER 1997 – REVISED JANUARY 2016
Product Folder Links: SN74LV125A
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
1OE
I
Output Enable 1
2
1A
I
1A Input
3
1Y
O
1Y Output
4
2OE
I
Output Enable 2
5
2A
I
2A Input
6
2Y
O
2Y Output
7
GND
Ground Pin
8
3Y
O
3Y Output
9
3A
I
3A Input
10
3OE
I
Output Enable 3
11
4Y
O
4Y Output
12
4A
I
4A Input
13
4OE
I
Output Enable 4
14
VCC
Power Pin


Similar Part No. - SN74LV125ARGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV125ARGYRG4 TI-SN74LV125ARGYRG4 Datasheet
129Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV125ARGYRG4 TI-SN74LV125ARGYRG4 Datasheet
806Kb / 19P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES
SN74LV125ARGYRG4 TI-SN74LV125ARGYRG4 Datasheet
779Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV125ARGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT126 TI-SN54AHCT126_03 Datasheet
376Kb / 15P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
logo
Hitachi Semiconductor
HA74LS126A HITACHI-HA74LS126A Datasheet
49Kb / 6P
   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHCT125 UTC-U74AHCT125_15 Datasheet
238Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74AHC126 UTC-U74AHC126_15 Datasheet
254Kb / 5P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54LV125A TI-SN54LV125A_07 Datasheet
806Kb / 19P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES
logo
Unisonic Technologies
U74LVC126A UTC-U74LVC126A_15 Datasheet
242Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54HC125 TI1-SN54HC125_15 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125_15 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74HCT125 UTC-U74HCT125_15 Datasheet
185Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com