Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBCJ1040 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SBCJ1040
Description  Schottky Barrier Rectifier Diodes - Common Cathode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SBCJ1040 Datasheet(HTML) 1 Page - Diotec Semiconductor

  SBCJ1040 Datasheet HTML 1Page - Diotec Semiconductor SBCJ1040 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBCJ1020 ... SBCJ1045
SBCJ1020 ... SBCJ1045
Schottky Barrier Rectifier Diodes – Common Cathode
Schottky-Barrier-Gleichrichterdioden – Gemeinsame Kathode
Version 2014-11-06
Dimensions - Maße [mm]
Nominal Current
Nennstrom
10 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
20...45 V
Isolated plastic case
Isoliertes Kunststoffgehäuse
ITO-220AB
Weight approx.
Gewicht ca.
2.2g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging in tubes
Standard Lieferform in Stangen
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Forward Voltage
Durchlass-Spannung
VF [V] 1) 2)
IF = 5 A
IF = 10 A
SBCJ1020
20
20
< 0.55
< 0.63
SBCJ1030
30
30
< 0.55
< 0.63
SBCJ1040
40
40
< 0.55
< 0.63
SBCTJ045
45
45
< 0.55
< 0.63
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TC = 100°C
IFAV
IFAV
5 A 1)
10 A 2)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
20 A 2)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
100/120 A 2)
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
50 A2s 2)
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+175°C
1
Tj = 25°C
1
Per diode − Pro Diode
2
Per device (parallel operation) − Pro Bauteil (Parallelbetrieb)
© Diotec Semiconductor AG
http://www.diotec.com/
1
3
1
Type
Typ
2.54±0.1
0.7
±0.2
1.3
10.1
±0.3
Ø
±0.2
3.2
2.6
±0.2
0.6±0.1
4.5±0.2
2.6
±0.2
3
2
1
2


Similar Part No. - SBCJ1040

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SBCJ1040 ISC-SBCJ1040 Datasheet
269Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - SBCJ1040

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBCT2020 DIOTEC-SBCT2020_11 Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Diodes ??Common Cathode
SBCT1020 DIOTEC-SBCT1020_13 Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Diodes . Common Cathode
SBCT2020 DIOTEC-SBCT2020_13 Datasheet
123Kb / 2P
   Schottky Barrier Rectifier Diodes . Common Cathode
SBCT1020 DIOTEC-SBCT1020_10 Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Diodes - Common Cathode
logo
ON Semiconductor
SBAT54CLT1G ONSEMI-SBAT54CLT1G Datasheet
121Kb / 4P
   Dual Common Cathode Schottky Barrier Diodes
November, 2011 ??Rev. 8
NSR30CM3 ONSEMI-NSR30CM3 Datasheet
57Kb / 4P
   Dual Common Cathode Schottky Barrier Diodes
December, 2016 ??Rev. 5
BAT54CL ONSEMI-BAT54CL Datasheet
90Kb / 4P
   Dual Common Cathode Schottky Barrier Diodes
October, 2016 ??Rev. 10
logo
Thinki Semiconductor Co...
SBL1630CT THINKISEMI-SBL1630CT Datasheet
317Kb / 2P
   16.0 Ampere Heatsink Pkg Common Cathode Schottky Barrier Rectifier Diodes
SBL1640CG THINKISEMI-SBL1640CG Datasheet
337Kb / 2P
   16.0 Ampere,45Volt PhotoVoltaic Common Cathode Schottky Barrier Rectifier Diodes
SBR20A60CTFP THINKISEMI-SBR20A60CTFP Datasheet
916Kb / 3P
   20Ampere,60Volt Insulated Common Cathode Trench Schottky Barrier Rectifier Diodes
Rev.12T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com