Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBCTJ045 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SBCTJ045
Description  Schottky Barrier Rectifier Diodes - Common Cathode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SBCTJ045 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SBCTJ045 Datasheet HTML 1Page - Diotec Semiconductor SBCTJ045 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SBCJ1020 ... SBCJ1045
Characteristics
Kennwerte
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
IR
< 300 µA 1)
< 7 mA 1)
Thermal resistance junction to case
Wärmewiderstand Sperrschicht - Gehäuse
RthC
5.5 K/W 2)
1
Per diode − Pro Diode
2
Per device (parallel operation) − Pro Bauteil (Parallelbetrieb)
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current vs. temp. of the case
in Abh. v. d. Gehäusetemperatur
Zul. Richtstrom
120
100
80
60
40
20
0
I
FAV
[%]
[°C]
T
C
150
100
50
0
SBCJ1020...SBCJ1045
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
10
10
1
10
10
2
-1
-2
[A]
I
F
0
V
F
0.4
0.6
[V]
1.0


Similar Part No. - SBCTJ045

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBCT10100 DIOTEC-SBCT10100 Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Diodes - Common Cathode
SBCT10100 DIOTEC-SBCT10100 Datasheet
113Kb / 2P
   Schottky Barrier Rectifiers - Common Cathode
SBCT10100 DIOTEC-SBCT10100 Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Diodes . Common Cathode
SBCT10100 DIOTEC-SBCT10100 Datasheet
169Kb / 2P
   Schottky Barrier Rectifier Diodes
SBCT1020 DIOTEC-SBCT1020 Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Diodes - Common Cathode
More results

Similar Description - SBCTJ045

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBCT2020 DIOTEC-SBCT2020_11 Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Diodes ??Common Cathode
SBCT1020 DIOTEC-SBCT1020_13 Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Diodes . Common Cathode
SBCT2020 DIOTEC-SBCT2020_13 Datasheet
123Kb / 2P
   Schottky Barrier Rectifier Diodes . Common Cathode
SBCT1020 DIOTEC-SBCT1020_10 Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Diodes - Common Cathode
logo
ON Semiconductor
SBAT54CLT1G ONSEMI-SBAT54CLT1G Datasheet
121Kb / 4P
   Dual Common Cathode Schottky Barrier Diodes
November, 2011 ??Rev. 8
NSR30CM3 ONSEMI-NSR30CM3 Datasheet
57Kb / 4P
   Dual Common Cathode Schottky Barrier Diodes
December, 2016 ??Rev. 5
BAT54CL ONSEMI-BAT54CL Datasheet
90Kb / 4P
   Dual Common Cathode Schottky Barrier Diodes
October, 2016 ??Rev. 10
logo
Thinki Semiconductor Co...
SBL1630CT THINKISEMI-SBL1630CT Datasheet
317Kb / 2P
   16.0 Ampere Heatsink Pkg Common Cathode Schottky Barrier Rectifier Diodes
SBL1640CG THINKISEMI-SBL1640CG Datasheet
337Kb / 2P
   16.0 Ampere,45Volt PhotoVoltaic Common Cathode Schottky Barrier Rectifier Diodes
SBR20A60CTFP THINKISEMI-SBR20A60CTFP Datasheet
916Kb / 3P
   20Ampere,60Volt Insulated Common Cathode Trench Schottky Barrier Rectifier Diodes
Rev.12T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com