Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54F193 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F193
Description  Up/Down Binary Counter with Separate Up/Down Clocks
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F193 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54F193 Datasheet HTML 1Page - National Semiconductor (TI) 54F193 Datasheet HTML 2Page - National Semiconductor (TI) 54F193 Datasheet HTML 3Page - National Semiconductor (TI) 54F193 Datasheet HTML 4Page - National Semiconductor (TI) 54F193 Datasheet HTML 5Page - National Semiconductor (TI) 54F193 Datasheet HTML 6Page - National Semiconductor (TI) 54F193 Datasheet HTML 7Page - National Semiconductor (TI) 54F193 Datasheet HTML 8Page - National Semiconductor (TI) 54F193 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a150 C
Ambient Temperature under Bias
b
55 Cto a125 C
Junction Temperature under Bias
b
55 Cto a175 C
Plastic
b
55 Cto a150 C
VCC Pin Potential to
Ground Pin
b
05V to a70V
Input Voltage (Note 2)
b
05V to a70V
Input Current (Note 2)
b
30 mA to a50 mA
Voltage Applied to Output
in HIGH State (with VCC e 0V)
Standard Output
b
05V to VCC
TRI-STATE Output
b
05V to a55V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Note 1
Absolute maximum ratings are values beyond which the device may
be damaged or have its useful life impaired Functional operation under
these conditions is not implied
Note 2
Either voltage limit or current limit is sufficient to protect inputs
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
b
55 Cto a125 C
Commercial
0 Cto a70 C
Supply Voltage
Military
a
45V to a55V
Commercial
a
45V to a55V
DC Electrical Characteristics
Symbol
Parameter
54F74F
Units
VCC
Conditions
Min
Typ
Max
VIH
Input HIGH Voltage
20
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
08
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
b
12
V
Min
IIN eb18 mA
VOH
Output HIGH
54F 10% VCC
25
IOH eb1mA
Voltage
74F 10% VCC
25
V
Min
IOH eb1mA
74F 5% VCC
27
IOH eb1mA
VOL
Output LOW
54F 10% VCC
05
V
Min
IOL e 20 mA
Voltage
74F 10% VCC
05
IOL e 20 mA
IIH
Input HIGH
54F
200
m
A
Max
VIN e 27V
Current
74F
50
IBVI
Input HIGH Current
54F
100
m
A
Max
VIN e 70V
Breakdown Test
74F
70
ICEX
Output HIGH
54F
250
m
A
Max
VOUT e VCC
Leakage Current
74F
50
VID
Input Leakage
74F
475
V
00
IID e 19 mA
Test
All Other Pins Grounded
IOD
Output Leakage
74F
375
m
A
00
VIOD e 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW Current
b
06
mA
Max
VIN e 05V (MR PL Pn)
b
18
VIN e 05V (CPu CPD)
IOS
Output Short-Circuit Current
b
60
b
150
mA
Max
VOUT e 0V
ICC
Power Supply Current
38
55
mA
Max
4


Similar Part No. - 54F193

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F190 NSC-54F190 Datasheet
178Kb / 10P
   Up/Down Decade Counter with Preset and Ripple Clock
54F190DM NSC-54F190DM Datasheet
178Kb / 10P
   Up/Down Decade Counter with Preset and Ripple Clock
54F190FM NSC-54F190FM Datasheet
178Kb / 10P
   Up/Down Decade Counter with Preset and Ripple Clock
54F190LM NSC-54F190LM Datasheet
178Kb / 10P
   Up/Down Decade Counter with Preset and Ripple Clock
54F191 NSC-54F191 Datasheet
196Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
More results

Similar Description - 54F193

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F193 FAIRCHILD-74F193 Datasheet
97Kb / 8P
   Up/Down Binary Counter with Separate Up/Down Clocks
logo
NXP Semiconductors
74F193 PHILIPS-74F193 Datasheet
104Kb / 12P
   Up/down binary counter with separate up/down clocks
1995 Jul 17
logo
Fairchild Semiconductor
74F192 FAIRCHILD-74F192 Datasheet
65Kb / 7P
   Up/Down Decade Counter with Separate Up/Down Clocks
74F192 FAIRCHILD-74F192_00 Datasheet
87Kb / 7P
   Up/Down Decade Counter with Separate Up/Down Clocks
logo
National Semiconductor ...
54F192DM NSC-54F192DM Datasheet
193Kb / 10P
   Up/Down Decade Counter with Separate Up/Down Clocks
54LS192 NSC-54LS192 Datasheet
172Kb / 8P
   54LS192/DM74LS192 Up/Down Decade Counter with Separate Up/Down Clocks
logo
Hitachi Semiconductor
HD14516B HITACHI-HD14516B Datasheet
100Kb / 8P
   Binary Up/Down Counter
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B_06 Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
logo
NXP Semiconductors
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
HEF4516B NXP-HEF4516B_09 Datasheet
158Kb / 16P
   Binary up/down counter
Rev. 06-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com