Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM15-09-4 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TSM15-09-4
Description  Medical Grade 15W Desktop Power Adapters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TSM15-09-4 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TSM15-09-4 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TSM15-09-4 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TSM15 Series
Medical Grade 15W Desktop Power Adapters
TSM15_2015-05-07
.
o
N
t
c
u
d
o
r
P
)
1
(
e
g
a
t
l
o
V
t
u
p
t
u
O
)
1
(
.
x
a
M
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
r
e
w
o
P
t
u
p
t
u
O
e
s
i
o
N
&
e
l
p
p
i
R
)
2
(
)
.
x
a
M
p
-
p
V
(
l
a
t
o
T
n
o
i
t
a
l
u
g
e
R
)
.
p
y
T
(
y
c
n
e
i
c
i
f
f
E
4
-
5
0
-
5
1
M
S
T
V
5A
6
.
2W
3
1V
m
0
5%
5
±%
5
7
4
-
7
0
-
5
1
M
S
T
V
7A
6
8
.
1W
3
1V
m
0
6%
5
±%
8
7
4
-
9
0
-
5
1
M
S
T
V
9A
7
6
.
1W
5
1V
m
0
8%
5
±%
1
8
4
-
2
1
-
5
1
M
S
T
V
2
1A
5
2
.
1W
5
1V
m
0
0
1%
5
±%
1
8
4
-
5
1
-
5
1
M
S
T
V
5
1A
1W
5
1V
m
0
0
1%
5
±%
1
8
4
-
9
1
-
5
1
M
S
T
V
9
1A
9
7
.
0W
5
1V
m
0
0
1%
5
±%
1
8
4
-
4
2
-
5
1
M
S
T
V
4
2A
5
2
6
.
0W
5
1V
m
0
0
1%
3
±%
2
8
4
-
0
3
-
5
1
M
S
T
V
0
3A
5
.
0W
5
1V
m
0
0
1%
3
±%
4
8
4
-
6
3
-
5
1
M
S
T
V
6
3A
7
1
4
.
0W
5
1V
m
0
0
1%
3
±%
5
8
MODELS LIST
Notes:
1. Specify the output voltage, within 5V to 36V, when ordering non-standard output models, e.g. TSM15-7.5-4 for 7.5V output.
2. Ripple & Noise are measured with 20MHz bandwidth at nominal line and rated output load ranges, with a 0.47µF capacitor connected
across the output.


Similar Part No. - TSM15-09-4

ManufacturerPart #DatasheetDescription
logo
StarHope
TSM150 SPSEMI-TSM150 Datasheet
826Kb / 2P
   Surface Mount Devices
logo
Taiwan Semiconductor Co...
TSM150NB04CR TSC-TSM150NB04CR Datasheet
310Kb / 6P
   N-Channel Power MOSFET 40V, 41A, 15m廓
TSM150NB04LCR TSC-TSM150NB04LCR Datasheet
311Kb / 6P
   N-Channel Power MOSFET 40V, 41A, 15m廓
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
   P-Channel Power MOSFET
TSM150P03PQ33 TSC-TSM150P03PQ33 Datasheet
354Kb / 6P
   TSM150P03PQ33
More results

Similar Description - TSM15-09-4

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AMP1501 ASTRODYNE-AMP1501 Datasheet
272Kb / 4P
   15W Medical Grade Desktop Switching Power Adapters
AMP1601 ASTRODYNE-AMP1601 Datasheet
601Kb / 5P
   15W 3rd Edition Medical Grade Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
TWM15 TRUMPOWER-TWM15 Datasheet
161Kb / 2P
   Medical Grade 15W Wall Mount Power Adapters
logo
Astrodyne Corporation
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP500 ASTRODYNE-AMP500 Datasheet
218Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP6301 ASTRODYNE-AMP6301 Datasheet
226Kb / 3P
   63W Medical Grade Desktop Switching Power Adapters
MPU30 ASTRODYNE-MPU30 Datasheet
386Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
MPU100 ASTRODYNE-MPU100 Datasheet
727Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP101 ASTRODYNE-AMP101 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com