Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER1602N Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # ER1602N
Description  16 Ampere Heatsink Common Anode Fast Recovery Half Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

ER1602N Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  ER1602N Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. ER1602N Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
oC ambient temperature unless otherwise specified.
NOTES : (1) Reverse recovery test conditions IF= 0.5A, IR= 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
®
ER1602N thru ER1606N
Pb Free Plating Product
ER1602N/ER1604N/ER1606N
16 Ampere Heatsink Common Anode Fast Recovery Half Bridge Rectifiers
© 1995 Thinki Semiconductor Co., Ltd.
Pb
-55 to + 150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
140
200
400
280
600
420
600
16.0
5.0
175
0.98
35
100
90
2.2
UNIT
V
V
V
V
A
A
uA
uA
o
C
pF
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
o
C
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
o
C
Half sine-wave superimposed on rated load
(JEDEC method)
@ 8.0 A
At Rated DC Blocking Voltage @TJ=125
o
C
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
150
ER1602N
200
400
1.3
1.7
ER1604N ER1606N
Features
Low forward voltage drop
High current capability
Case: Heatsink TO-220AB/TO-220CE
High surge current capability
Weight: 2.2 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
TO-220AB
Unit:mm
Application
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS,Motor Control and UPS
Car Audio Amplifiers and Sound Device Systems
Latest GPP technology with super fast recovery time
Positive
Negative
Common Cathode
Case
Case
Common Anode
Doubler
Case
Tandem Polarity
Case
Series
Tandem Polarity
Suffix "N"
Suffix "D"
Suffix "S"
φ3.6
0±0.
20
9.90±0.20
2.54typ
0.80±0.20
1.27±0.20
1.52±0.20
1.30±0.20
4.50±0.20
0.50±0.20
2.40±0.20
2.54typ
oC/W
http://www.thinkisemi.com.tw/
Page 1/2
Rev.06


Similar Part No. - ER1602N

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
ER1602N THINKISEMI-ER1602N Datasheet
671Kb / 2P
   16Ampere Heat Sink Dual Common Anode Super Fast Recovery Rectifiers
More results

Similar Description - ER1602N

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR1620AT THINKISEMI-MUR1620AT Datasheet
357Kb / 2P
   16 Ampere Heatsink Common Anode Fast Recovery Half Bridge Rectifiers
MUR1220CA THINKISEMI-MUR1220CA Datasheet
693Kb / 2P
   12 Ampere Heatsink Common Anode Fast Recovery Half Bridge Rectifiers
MUR2020AT THINKISEMI-MUR2020AT Datasheet
683Kb / 2P
   20 Ampere Heatsink Common Anode Fast Recovery Half Bridge Rectifiers
MUR1020CA THINKISEMI-MUR1020CA Datasheet
694Kb / 2P
   10 Ampere Heatsink Common Anode Fast Recovery Half Bridge Rectifiers
ESAC25-02N THINKISEMI-ESAC25-02N Datasheet
694Kb / 2P
   10 Ampere Heatsink Dual Common Anode Fast Recovery Half Bridge Rectifiers
U30C20A THINKISEMI-U30C20A Datasheet
830Kb / 2P
   30 Ampere Heatsink Dual Common Anode Fast Recovery Half Bridge Rectifiers
MUR3020CTR THINKISEMI-MUR3020CTR Datasheet
926Kb / 2P
   30 Ampere Heatsink Dual Common Anode Fast Recovery Half Bridge Rectifiers
MUR820CTR THINKISEMI-MUR820CTR Datasheet
698Kb / 2P
   8 Ampere Heatsink Dual Common Anode Fast Recovery Half Bridge Rectifiers
ESAD39-02N THINKISEMI-ESAD39-02N Datasheet
702Kb / 2P
   10 Ampere Heatsink Common Anode Ultra Fast Recovery Half Bridge Rectifiers
ESAD25M-02N THINKISEMI-ESAD25M-02N Datasheet
256Kb / 2P
   16 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com