Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR38060MTRPBF Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IR38060MTRPBF
Description  6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR38060MTRPBF Datasheet(HTML) 4 Page - Infineon Technologies AG

  IR38060MTRPBF Datasheet HTML 1Page - Infineon Technologies AG IR38060MTRPBF Datasheet HTML 2Page - Infineon Technologies AG IR38060MTRPBF Datasheet HTML 3Page - Infineon Technologies AG IR38060MTRPBF Datasheet HTML 4Page - Infineon Technologies AG IR38060MTRPBF Datasheet HTML 5Page - Infineon Technologies AG IR38060MTRPBF Datasheet HTML 6Page - Infineon Technologies AG IR38060MTRPBF Datasheet HTML 7Page - Infineon Technologies AG IR38060MTRPBF Datasheet HTML 8Page - Infineon Technologies AG IR38060MTRPBF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
IR38060
4
Rev 3.5
Feb 11, 2016
PIN DESCRIPTIONS
PIN #
PIN NAME
PIN DESCRIPTION
1
PVIN
Input voltage for power stage. Bypass capacitors between PVin and PGND should
be connected very close to this pin and PGND.
2
Boot
Supply voltage for high side driver
3
Track_En
¯¯¯¯¯¯¯¯¯
Pull low to enable tracking function. Leave floating to disable tracking function.
4
Vp
Used for sequencing and tracking applications. Leave open if not used.
5
Vsns
Sense pin for OVP and PGood
6
FB
Inverting input to the error amplifier. This pin is connected directly to the output of
the regulator or to the output of the remote sense amplifier, via resistor divider to
set the output voltage and provide feedback to the error amplifier.
7
COMP
Output of error amplifier. An external resistor and capacitor network is typically
connected from this pin to FB to provide loop compensation.
8
RSo
Remote Sense Amplifier Output
9
RS-
Remote Sense Amplifier input. Connect to ground at the load.
10
RS+
Remote Sense Amplifier input. Connect to output at the load.
11
PGood
Power Good status pin. Output is open drain. Connect a pull up resistor from this
pin to VCC.
12,23,
25
PGND
Power ground. This pin should be connected to
the system’s power ground plane.
Bypass capacitors between PVin and PGND should be connected very close to the
PVIN pin (pin 1) and this pin.
13
LGND
Signal ground for internal reference and control circuitry.
14
RT/Sync
In analog mode, use an external resistor from this pin to GND to set the switching
frequency. The resistor should be placed very close to the pin. This pin can also be
used for external synchronization. No resistor is used in digital mode.
15
EN/FCCM
Enable pin to turn on and off the IC. In analog mode, also serves as a mode pin,
forcing the converter to operate in CCM when pulled to<3.1V.
16
ADDR
Sets PMBus address for the device; should be floated if digital communication is
not needed.
17
SALERT
¯¯¯¯¯¯¯
/TMON
SMBus Alert
¯¯¯¯ line; pin provides a voltage proportional to the junction temperature if
digital communication is not needed.
18
SDA/IMON
SMBus data serial input/output line; pin provides a voltage proportional to the
output current if digital communication is not needed.
19
SCL/OCSet
SMBus clock line; used to set OC thresholds if digital communication is not needed.
20
P1V8
This is the supply for the digital circuits; bypass with a 2.2uF capacitor to LGnd
21
Vin
Input Voltage for LDO.
22
VCC
Bias Voltage for IC and driver section, output of LDO. Add 10 uF bypass cap from
this pin to PGnd.
24
SW
Switch node. This pin is connected to the output inductor.
26
NC
NC


Similar Part No. - IR38060MTRPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR38060MTRPBF INFINEON-IR38060MTRPBF Datasheet
3Mb / 66P
   6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.7 May 26, 2016
More results

Similar Description - IR38060MTRPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR38060 INFINEON-IR38060 Datasheet
3Mb / 66P
   6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.7 May 26, 2016
IR38060 INFINEON-IR38060_18 Datasheet
3Mb / 70P
   6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.16 Jun 25, 2018
logo
International Rectifier
IR38060M IRF-IR38060M_15 Datasheet
151Kb / 2P
   Highly Integrated 6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
logo
Infineon Technologies A...
IR38062 INFINEON-IR38062 Datasheet
4Mb / 68P
   15A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.8 May 26, 2016
IR38063 INFINEON-IR38063 Datasheet
4Mb / 68P
   25A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.8 May 26, 2016
IR38062 INFINEON-IR38062_18 Datasheet
3Mb / 72P
   15A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.14 Mar 14, 2018
IR38064 INFINEON-IR38064 Datasheet
3Mb / 73P
   35A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.7 Mar 14, 2018
logo
International Rectifier
IR38063M IRF-IR38063M_15 Datasheet
558Kb / 2P
   Highly Integrated 25A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com