Part Name
         Description
PMB8875

 S-GOLDlite- Advanced Single - Chip GSM/GPRS Baseband Controller ( 2 Page)


INFINEON
100% 
Zoom Out Zoom In
   
 2 page
background image
Published by Infineon Technologies AG
Pr oduct Brief
How to reach us:
http://www.infineon.com
Published by
Infineon Technologies AG,
St.-Martin-Strasse 53,
D-81669 München
© Infineon Technologies AG 2004.
All Rights Reserved.
Template: pb_tmplt.fm/4/2004-01-01
Attention please!
The information herein is given to describe certain components
and shall not be considered as a guarantee of characteristics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but not
limited to warranties of non-infringement, regarding circuits,
descriptions and charts stated herein.
Information
For further information on technology, delivery terms
and conditions and prices please contact your nearest
Infineon Technologies Office.
Warnings
Due to technical requirements components may contain dangerous
substances. For information on the types in question please contact
your nearest Infineon Technologies Office.
Infineon Technologies Components may only be used in life-
support devices or systems with the express written approval of
Infineon Technologies, if a failure of such components can reason-
ably be expected to cause the failure of that life-support device or
system, or to affect the safety or effectiveness of that device or sys-
tem. Life support devices or systems are intended to be implanted
in the human body, or to support and/or maintain and sustain
and/or protect human life. If they fail, it is reasonable to assume
that the health of the user or other persons may be endangered.
Ordering No. B134-H8157-G1-X-7600
Printed in Germany
PS 01042.
NB
App l ic ation Ex ample GPRS Quad-B and S y st em Solution
S-GOLDlite
(PMB 8875)
D
A
D
D
A
A
SSC
I2S/DAI
I2S
TEAKLite®
Dig. Mod
Timer
Viterbi HW
Accelerator
GSM
Cipher Unit
Speach
and Channel
Decoding
Equalizer
A
D
D
A
Speach
and Channel
Encoding
GMSK/8PSK
Modulator
D
A
A
D
SRAM
RTC
ECO
DMA
VIC
Keypad
USARTs/
IrDa
GEA-1/2/3
CAPCOM
Timer
AFC
JTAG
RF
Control
I2C
GSM
Timer
ARM®926 EJ-S
USB
MiniHost
SSC
Timer
GPIOs
Display IF
USIM
AUX
ADC
FLASH/SRAM
Power Bus
Peripherals
I2C
Interface
Power Bus
Baseband
I2C
AC-Adaptor
Charger
Pre-Charge
V
BB2
V
RTC
V
BB1
V
Memory
V
BB USB
V
BB Analog
V
BB I/O Hi
V
USB Host
S/M POWER
(PMB 6811)
Control
BB (LR)/Mem/Copro
Step down 600 mA
On-chip
Reference
V
BT BB
V
RF3 (BT)
V
RF Main
V
RF VCXO
Amp
V
DD
LED
Driver
Motor
Driver
M
NiMH/LiIon
Battery
Power Bus
Bluetooth
Power Bus
RF
Car Kit
Earpiece
Ringer
Headset
0
*#
3
2
1
8
5
4
7
6
9
AFC
26 MHz
SMARTi SD
(PMB 6270)
Power
Amplifier
RF Control
D
A
/4
/2
Fractional
-N-PLL
Sigma-Delta
Modulator
Gauss BT 0.3
Control
Logic
1800 MHz
1900 MHz
900 MHz
850 MHz
LF
1900-
1800 MHz
900-
850 MHz
DAT
CLK
ENA
I
Q
3.8 GHz
LNA
Note: TEAKLite® is a registered trademark of ParthusCeva, Ltd.
ARM® is a registered trademark of ARM, Ltd.
1  2 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STA205132-BIT SINGLE CHIP BASEBAND CONTROLLER FOR GPS AND TELEMATIC APPLICATIONS 1 2 3 4 5 STMicroelectronics
NJU35554-BIT SINGLE CHIP OTP MICRO CONTROLLER 1 2 3 4 5 MoreNew Japan Radio
LAN9115HIGHLY EFFICIENT SINGLE - CHIP 10/100 NON PCI ETHERNET CONTROLLER 1 2 3 4 5 MoreSMSC Corporation
RTL8101LREALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STE200796 x 68 Single Chip LCD Controller/Driver 1 2 3 4 5 MoreSTMicroelectronics
MX98725SINGLE CHIP FAST ETHERNET NIC CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
Z02215Single Chip Modem with Integrated Controller Data Pump and Analog Front End 1 2 3 4 5 MoreZilog, Inc.
PMB8870single chip baseband IC 1 2 Infineon Technologies AG
TC9309F-002SINGLE CHIP DTS MICRO CONTROLLER 1 2 3 Toshiba Semiconductor
RTL8139CREALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl